Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5623R Datasheet(PDF) 9 Page - Analog Devices

Part # AD5623R
Description  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5623R Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5623R Datasheet HTML 5Page - Analog Devices AD5623R Datasheet HTML 6Page - Analog Devices AD5623R Datasheet HTML 7Page - Analog Devices AD5623R Datasheet HTML 8Page - Analog Devices AD5623R Datasheet HTML 9Page - Analog Devices AD5623R Datasheet HTML 10Page - Analog Devices AD5623R Datasheet HTML 11Page - Analog Devices AD5623R Datasheet HTML 12Page - Analog Devices AD5623R Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD5623R/AD5643R/AD5663R
Rev. F | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
VOUTA
10
VREFIN/VREFOUT
2
VOUTB
9
VDD
3
GND
8
DIN
4
LDAC
7
SCLK
5
CLR
6
SYNC
AD5623R/
AD5643R/
AD5663R
TOP VIEW
(Not to Scale)
NOTE:
EXPOSED PAD TIED TO GND ON
LFCSP PACKAGE.
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUTA
Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
2
VOUTB
Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
3
GND
Ground. Reference point for all circuitry on the part.
4
LDAC
Pulsing this pin low allows any or all DAC registers to be updated if the input registers have new data.
This allows simultaneous update of all DAC outputs. Alternatively, this pin can be tied permanently low.
5
CLR
Asynchronous Clear Input. The CLR input is falling edge sensitive. While CLR is low, all LDAC pulses are
ignored. When CLR is activated, zero scale is loaded to all input and DAC registers. This clears the output to 0 V.
The part exits clear code mode on the 24th falling edge of the next write to the part. If CLR is activated during
a write sequence, the write is aborted.
6
SYNC
Level-Triggered Control Input (Active Low). This is the frame synchronization signal for the input data.
When SYNC goes low, it enables the input shift register, and data is transferred in on the falling edges of the
following clocks. The DAC is updated following the 24th clock cycle unless SYNC is taken high before this edge,
in which case the rising edge of SYNC acts as an interrupt and the write sequence is ignored by the DAC.
7
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input.
Data can be transferred at rates up to 50 MHz.
8
DIN
Serial Data Input. This device has a 24-bit shift register. Data is clocked into the register on the falling edge
of the serial clock input.
9
VDD
Power Supply Input. These parts can be operated from 2.7 V to 5.5 V, and the supply should be decoupled with
a 10 μF capacitor in parallel with a 0.1 μF capacitor to GND.
10
VREFIN/VREFOUT
Common Reference Input/Reference Output. When the internal reference is selected, this is the reference output
pin. When using an external reference, this is the reference input pin. The default for this pin is a reference input.


Similar Part No. - AD5623R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5623R AD-AD5623R Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 32P
   Dual 12-/14-/16-Bit nanoDAC
AD5623RACPZ-5REEL7 AD-AD5623RACPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RACPZ-5REEL7 AD-AD5623RACPZ-5REEL7 Datasheet
1Mb / 32P
   Dual 12-/14-/16-Bit nanoDAC
More results

Similar Description - AD5623R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5624R AD-AD5624R Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com