Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7242 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7242
Description  LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7242 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7242 Datasheet HTML 4Page - Analog Devices AD7242 Datasheet HTML 5Page - Analog Devices AD7242 Datasheet HTML 6Page - Analog Devices AD7242 Datasheet HTML 7Page - Analog Devices AD7242 Datasheet HTML 8Page - Analog Devices AD7242 Datasheet HTML 9Page - Analog Devices AD7242 Datasheet HTML 10Page - Analog Devices AD7242 Datasheet HTML 11Page - Analog Devices AD7242 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7242/AD7244
REV. A
–9–
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD7242/AD7244 is via a
serial bus that uses standard protocol compatible with DSP
processors and microcontrollers. The communication interface
consists of a separate transmit section for each of the DACs.
Each section has a clock signal, a data signal and a frame or
strobe pulse.
Figures 7 through 11 show the AD7242/AD7244 configured
for interfacing to a number of popular DSP processors and
microcontrollers.
AD7242/AD7244 to ADSP-2101/ADSP-2102 Interface
Figure 7 shows a serial interface between the AD7242/AD7244
and the ADSP-2101/ADSP-2102 DSP processor. The ADSP-
2101/ADSP-2102 has two serial ports and, in the interface
shown, both serial ports are used, one for each DAC. Both serial
ports do not have to be used; in the case where only one serial
port is used, an extra line (DACA/DACB as shown in the other
serial interfaces) would have to decode the one TFS line to
provide TFSA and TFSB lines for the AD7242/AD7244.
Figure 7. AD7242/AD7244 to ADSP-2101/ADSP-2102
Interface
The three serial lines of the first serial port, SPORT1, of the
ADSP-2101/ADSP-2102 connect directly to the three serial
input lines of DACA of the AD7242/AD7244. The three serial
lines of SPORT2 connect directly to the three serial lines on the
DACB serial input port. Data from the ADSP-2101/ADSP-2102 is
valid on the falling edge of SCLK. A common LDAC signal is
used to drive the LDACA and LDACB inputs. This is shown to
be generated from a timer or clock recovery circuit but another
control or address line of the ADSP-2101/ADSP-2102 could be
used to drive these inputs. Alternatively, the LDACA and
LDACB
inputs of the AD7242/AD7244 could be hardwired
low; in this case the update of the DAC latches and analog
outputs takes place on the 16th falling edge of SCLK (after the
respective TFS signal goes low).
AD7242/AD7244 to DSP56000 Interface
A serial interface between the AD7242/AD7244 and the
DSP56000 is shown in Figure 8. The DSP56000 is configured
for normal mode, asynchronous operation with gated clock. It is
also set up for a 16-bit word with SCK and SC2 as outputs and
the FSL control bit set to a 0. SCK is internally generated on
the DSP56000 and applied to both the TCLKA and TCLKB
inputs of the AD7242/AD7244. Data from the DSP56000 is
valid on the falling edge of SCK. The serial data line, STD
drives the DTA and DTB serial input data lines of the
AD7242/AD7244.
The SC2 output provides the framing pulse for valid data. This
is an active high output and is gated with a DACA/DACB
control line before being applied to the TFSA and TFSB inputs
of the AD7242/AD7244. The DACA/DACB line determines
which DAC serial data is to be transferred to, i.e., which TFS
line is active when SC2 is active.
As in the previous interface, a common LDAC input is shown
driving the LDACA and LDACB inputs of the AD7242/AD7244.
Once again, these LDAC inputs could be hardwired low, in
which case VOUTA or VOUTB will be updated on the sixteenth
falling edge of SCK after the TFSA or TFSB input goes low.
Figure 8. AD7242/AD7244 to DSP56000 Interface


Similar Part No. - AD7242

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7242AQ AD-AD7242AQ Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7242BQ AD-AD7242BQ Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7242JN AD-AD7242JN Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7242JR AD-AD7242JR Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results

Similar Description - AD7242

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244 AD-AD7244_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837 AD-AD7837 Datasheet
196Kb / 13P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837ARZ AD-AD7837ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847ARZ AD-AD7847ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7835ASZ-REEL AD-AD7835ASZ-REEL Datasheet
0Kb / 28P
   LC2MOS Quad 14-Bit DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com