Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5623RBCPZ-3REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5623RBCPZ-3REEL7
Description  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5623RBCPZ-3REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5623RBCPZ-3REEL7 Datasheet HTML 4Page - Analog Devices AD5623RBCPZ-3REEL7 Datasheet HTML 5Page - Analog Devices AD5623RBCPZ-3REEL7 Datasheet HTML 6Page - Analog Devices AD5623RBCPZ-3REEL7 Datasheet HTML 7Page - Analog Devices AD5623RBCPZ-3REEL7 Datasheet HTML 8Page - Analog Devices AD5623RBCPZ-3REEL7 Datasheet HTML 9Page - Analog Devices AD5623RBCPZ-3REEL7 Datasheet HTML 10Page - Analog Devices AD5623RBCPZ-3REEL7 Datasheet HTML 11Page - Analog Devices AD5623RBCPZ-3REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD5623R/AD5643R/AD5663R
Data Sheet
Rev. F | Page 8 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VOUT to GND
−0.3 V to VDD + 0.3 V
VREFIN/VREFOUT to GND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
150°C
Power Dissipation
(TJ max − TA)/θJA
LFCSP Package (4-Layer Board)
θJA Thermal Impedance
61°C/W
MSOP Package (4-Layer Board)
θJA Thermal Impedance
142°C/W
θJC Thermal Impedance
43.7°C/W
Reflow Soldering Peak Temperature
Pb-Free
260(+0/−5)°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD5623RBCPZ-3REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5623RBCPZ-3REEL7 AD-AD5623RBCPZ-3REEL7 Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5623RBCPZ-3REEL7 AD-AD5623RBCPZ-3REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RBCPZ-3REEL7 AD-AD5623RBCPZ-3REEL7 Datasheet
1Mb / 32P
   Dual 12-/14-/16-Bit nanoDAC
More results

Similar Description - AD5623RBCPZ-3REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5624R AD-AD5624R Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com