Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5450 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5450
Description  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5450 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5450 Datasheet HTML 6Page - Analog Devices AD5450 Datasheet HTML 7Page - Analog Devices AD5450 Datasheet HTML 8Page - Analog Devices AD5450 Datasheet HTML 9Page - Analog Devices AD5450 Datasheet HTML 10Page - Analog Devices AD5450 Datasheet HTML 11Page - Analog Devices AD5450 Datasheet HTML 12Page - Analog Devices AD5450 Datasheet HTML 13Page - Analog Devices AD5450 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5547/AD5557
Data Sheet
Rev. D | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
0.8
0.6
0
8192
16,384 24,576 32,768 40,960 49,152 57,344 65,536
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
CODE (Decimal)
Figure 6. AD5547 Integral Nonlinearity Error
1.0
0.8
0.6
0
8192
16,384 24,576 32,768 40,960 49,152 57,344 65,536
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
CODE (Decimal)
Figure 7. AD5547 Differential Nonlinearity Error
1.0
0.8
0.6
0
2048
4096
6144
8192
10,240 12,288 14,336 16,384
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
CODE (Decimal)
Figure 8. AD5557 Integral Nonlinearity Error
1.0
0.8
0.6
0
2048
4096
6144
8192
10,240 12,288 14,336 16,384
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
CODE (Decimal)
Figure 9. AD5557 Differential Nonlinearity Error
1.5
1.0
2
4
GE
DNL
INL
6
8
10
0.5
0
–0.5
–1.0
–1.5
SUPPLY VOLTAGE VDD (V)
VREF = 2.5V
TA = 25°C
Figure 10. Linearity Error vs. Supply Voltage, VDD
5
4
0
0.5
1.0
1.5
2.0
3.0
3.5
2.5
4.0
4.5
5.0
3
2
1
0
LOGIC INPUT VOLTAGE VIH (V)
VDD = 5V
TA = 25°C
Figure 11. Supply Current vs. Logic Input Voltage


Similar Part No. - AD5450

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5450 AD-AD5450 Datasheet
125Kb / 16P
   8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. PrD Oct, 2003
AD5450 AD-AD5450 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5450 AD-AD5450 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5450 AD-AD5450 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5450 AD-AD5450 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results

Similar Description - AD5450

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547 Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5546 AD-AD5546 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5556 AD-AD5556_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com