Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1730-30CQ Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1730-30CQ
Description  Low Noise Low Dropout, 150mA Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1730-30CQ Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1730-30CQ Datasheet HTML 1Page - Analog Intergrations Corporation AIC1730-30CQ Datasheet HTML 2Page - Analog Intergrations Corporation AIC1730-30CQ Datasheet HTML 3Page - Analog Intergrations Corporation AIC1730-30CQ Datasheet HTML 4Page - Analog Intergrations Corporation AIC1730-30CQ Datasheet HTML 5Page - Analog Intergrations Corporation AIC1730-30CQ Datasheet HTML 6Page - Analog Intergrations Corporation AIC1730-30CQ Datasheet HTML 7Page - Analog Intergrations Corporation AIC1730-30CQ Datasheet HTML 8Page - Analog Intergrations Corporation AIC1730-30CQ Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AIC1730
2
n ORDERING INFORMATION
PACKAGE TYPE
V: SOT-23-5
Q: SOT-23-6W
OUTPUT VOLTAGE
18: 1.8V
.
.
.
285: 2.85V
.
.
.
33: 3.3V
The output voltage is available
by 0.1V per step.
ORDER NUMBER
PIN CONFIGURATION
AIC1730-18CV
:
:
:
AIC1730-33CV
(SOT-23-5)
FRONT VIEW
VOUT
GND
BP
VIN
AIC1730-XCX
3
2
1
4
5
AIC1730-18CQ
:
:
:
AIC1730-33CQ
(SOT-23-6W )
FRONT VIEW
VOUT
GND
BP
VIN
3
2
1
4
6
5
GND
SHDN
SHDN
n ABSOLUTE MAXIMUM RATINGS
Supply Voltage
.................……………………………… ..………………… ....................12V
Power Dissipation
.............……………………………………… .…………… .............500mW
Operating Temperature Range
.………………………………………………… .....-40ºC~85ºC
Storage Temperature Range
................…………………………………… .........-65ºC~150ºC
Shutdown Terminal Voltage
..……………………………………………………… ..............12V
Noise Bypass Terminal Voltage
.…………………………… .……………………… ..............5V


Similar Part No. - AIC1730-30CQ

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730-30 AIC-AIC1730-30 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - AIC1730-30CQ

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com