Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8036AN Datasheet(PDF) 6 Page - Analog Devices

Part # AD8036AN
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8036AN Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8036AN Datasheet HTML 2Page - Analog Devices AD8036AN Datasheet HTML 3Page - Analog Devices AD8036AN Datasheet HTML 4Page - Analog Devices AD8036AN Datasheet HTML 5Page - Analog Devices AD8036AN Datasheet HTML 6Page - Analog Devices AD8036AN Datasheet HTML 7Page - Analog Devices AD8036AN Datasheet HTML 8Page - Analog Devices AD8036AN Datasheet HTML 9Page - Analog Devices AD8036AN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8036/AD8037
REV. B
–5–
AD8037–Typical Characteristics
RIN
+VS
RL = 100
–VS
49.9
VIN
RF
100
VOUT
0.1 F
10 F
AD8037
0.1 F
10 F
PULSE
GENERATOR
TR/TF = 350ps
TPC 7. Noninverting Configuration, G = +2
TPC 8. Large Signal Transient Response; VO = 4 V p-p,
G = +2, RF = RIN = 274
TPC 9. Small Signal Transient Response;
VO = 400 mV p-p, G = +2, RF = RIN = 274
RIN
+VS
RL = 100
–VS
49.9
VIN
RF
100
VOUT
0.1 F
10 F
AD8037
0.1 F
10 F
PULSE
GENERATOR
TR/TF = 350ps
+VH
VL
0.1 F
0.1 F
TPC 10. Noninverting Clamp Configuration, G = +2
TPC 11. Clamped Large Signal Transient Response
(2
× Overdrive); VO = 2 V p-p, G = +2, RF = RIN = 274
Ω, VH = +0.5 V, VL = –0.5 V
TPC 12. Clamped Small Signal Transient Response
(2
× Overdrive); VO = 400 mV p-p, G = +2, RF = RIN =
274
Ω, VH = +0.1 V, VL = –0.1 V


Similar Part No. - AD8036AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8036AN AD-AD8036AN Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8036AN AD-AD8036AN Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036AN AD-AD8036AN Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
More results

Similar Description - AD8036AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036 AD-AD8036 Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8036ARZ AD-AD8036ARZ Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036_2000 AD-AD8036_2000 Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037 AD-AD8037_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com