Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61081 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61081
Description  HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61081 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61081 Datasheet HTML 7Page - Texas Instruments TPS61081 Datasheet HTML 8Page - Texas Instruments TPS61081 Datasheet HTML 9Page - Texas Instruments TPS61081 Datasheet HTML 10Page - Texas Instruments TPS61081 Datasheet HTML 11Page - Texas Instruments TPS61081 Datasheet HTML 12Page - Texas Instruments TPS61081 Datasheet HTML 13Page - Texas Instruments TPS61081 Datasheet HTML 14Page - Texas Instruments TPS61081 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TPS61080
TPS61081
www.ti.com
SLVS644D – FEBRUARY 2006 – REVISED APRIL 2013
IC attempts to start up one time. After 57ms, the IC restarts in a fashion described in the above section. If the
short is cleared, the boost regulator properly starts up and reaches output regulation. However, after reaching
regulation, if another event of short circuit current limit occurs, the IC goes into shutdown mode again, and the
fault can only be cleared by toggling the EN pin or POR. Under a permanent short circuit, the IC shuts down after
a start up failure and waits for POR or the EN pin toggling.
The same circuit also protects the ICs and external components when the SW pin is shorted to ground. These
features provide much more comprehensive and reliable protection than the conventional boost regulator.
Table 1 lists the IC protection against the short of each IC pin.
Table 1. TPS61080/1 Short Circuit Protection Mode
SHORTED TO GND
FAULT DETECTION
IC OPERATION
HOW TO CLEAR THE FAULT
IC restarts after 57ms; If it happens again,
L, SW
INDUCTOR > ISC for 13 μs
Turn off isolation FET
the fault can only be cleared by toggling
EN or POR.
OUT (during start
OUT <Vin– 1.4V for 2 ms
IC shuts down
Cleared by toggling EN or POR
up)
OUT (after start up)
OUT <Vin– 1.4V without delay
IC shuts down
Cleared by toggling EN or POR
EN
N/A
IC disabled
N/A
FSW
N/A
600 kHz switching frequency
N/A
Disable PWM switching and no output;
SS
N/A
N/A
but still dissipate quiescent current.
FB
N/A
Over voltage protection of the OUT pin OUT voltage fails by OVP hysteresis
GND, PGND, VIN
N/A
N/A
N/A
OVERVOLTAGE PROTECTION
When TPS61080/1 is configured as regulated current output as shown in the TYPICAL APPLICATIONS, the
output voltage can run away if the current load is disconnected. The over voltage condition can also occur if the
FB pin is shorted to the ground. To prevent the SW node and the output capacitor from exceeding the maximum
voltage rating, an over voltage protection circuit turns off the boost regulator as soon as the output voltage
exceeds the OVP threshold. When the output voltage falls 0.7V below the OVP threshold, the regulator resumes
the PWM switching unless the output voltage exceeds the OVP threshold.
UNDERVOLTAGE LOCKOUT (UVLO)
An undervoltage lockout prevents mis-operation of the device for input voltages below 1.65 V (typical). When the
input voltage is below the undervoltage threshold, the device remains off and both PWM and isolation switch are
turned off, providing isolation between input and output. The undervoltage lockout threshold is set below
minimum operating voltage of 2.5V to avoid any transient VIN dip to trigger UVLO and causes converter reset.
For the VIN voltage between UVLO threshold and 2.5V, the IC still maintains its operation. However, the spec is
not assured.
THERMAL SHUTDOWN
An internal thermal shutdown turns off the isolation and PWM switches when the typical junction temperature of
160°C is exceeded. The IC restarts if the junction temperature drops by 15°C.
ENABLE
Connecting the EN pin low turns off the power switch immediately, but keeps the isolation FET on. If the EN pin
is logic low for more than 74ms, the IC turns off the isolation FET and enters shutdown mode drawing less than
1
μA current. The enable input pin has an internal 800kΩ pull down resistor to disable the device when the pin is
floating.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS61080 TPS61081


Similar Part No. - TPS61081

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61081 TI-TPS61081 Datasheet
911Kb / 25P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
TPS61081DRCR TI-TPS61081DRCR Datasheet
911Kb / 25P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
TPS61081DRCT TI-TPS61081DRCT Datasheet
911Kb / 25P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
More results

Similar Description - TPS61081

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61080 TI-TPS61080 Datasheet
911Kb / 25P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
LP8543 TI-LP8543 Datasheet
1Mb / 40P
[Old version datasheet]   High-Voltage DC/DC Boost Converter With Integrated FET
logo
Linear Technology
LTC3129-1 LINER-LTC3129-1 Datasheet
339Kb / 8P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
LTC3129 LINER-LTC3129 Datasheet
1Mb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
logo
Texas Instruments
TPS61200 TI-TPS61200_08 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
logo
Semtech Corporation
SC419 SEMTECH-SC419 Datasheet
579Kb / 24P
   EcoSpeedTM DC-DC Converter with Integrated Boost Diode
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com