Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4352 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD4352
Description  2V & LOW POWER MULTI-BIT DAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4352 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD4352 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4352 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4352 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4352 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4352 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4352 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4352 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4352 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4352 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ASAHI KASEI
[AK4352]
M0040-E-02
2000/11
- 6 -
SWITCHING CHARACTERISTICS
(Ta=25
°C; VDD=1.8 ∼ 3.6V)
Parameter
Symbol
min
typ
max
Units
Master Clock Timing
256fs:
Pulse Width Low
Pulse Width High
384fs:
Pulse Width Low
Pulse Width High
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
2.048
28
28
3.072
23
23
11.2896
16.9344
12.8
19.2
MHz
ns
ns
MHz
ns
ns
LRCK Frequency
fs
8
44.1
50
kHz
Serial Interface Timing
(Note 8)
BICK Period
BICK Pulse Width Low
Pulse Width High
BICK rising to LRCK Edge
(Note 9)
LRCK Edge to BICK rising
(Note 9)
SDATA Hold Time
SDATA Setup Time
tBCK
tBCKL
tBCKH
tBLR
tLRB
tSDH
tSDS
312.5
100
100
50
50
50
50
ns
ns
ns
ns
ns
ns
ns
Reset Timing
PD Pulse Width
(Note 10)
tRST
300
ns
Note 8. Refer to the operating overview section “Audio Data Interface”.
Note 9. BICK rising edge must not occur at the same time as LRCK edge.
Note 10. The AK4352 can be reset by bringing PD = “L” to “H” only upon power up.
n Timing Diagram
LRCK
BICK
tBLR
tLRB
tBCKL
tBCKH
50%
VDD
50%
VDD
SDATA
50%
VDD
tSDH
tSDS
LSB
Audio Data Input Timing
tRST
25%VDD
PD
Reset Timing


Similar Part No. - AKD4352

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4352 AKM-AKD4352 Datasheet
308Kb / 18P
   EVALUATION BOARD REV.A FOR AK4352
More results

Similar Description - AKD4352

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4342 AKM-AK4342 Datasheet
567Kb / 43P
   24-Bit Stereo DAC with HP-AMP & 2V Line-Out
AK4393 AKM-AK4393 Datasheet
235Kb / 22P
   ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
AK4395 AKM-AK4395 Datasheet
277Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
logo
Wolfson Microelectronic...
WM5621L WOLFSON-WM5621L Datasheet
513Kb / 14P
   Low-power Quadruple 8-Bit DAC
logo
Asahi Kasei Microsystem...
AK4351 AKM-AK4351 Datasheet
134Kb / 14P
   18 BIT ADVANCED MULTI BIT 2CH DAC
AK4394 AKM-AK4394 Datasheet
299Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
logo
Fairchild Semiconductor
FSTU32X384 FAIRCHILD-FSTU32X384 Datasheet
241Kb / 6P
   20-Bit Low Power Bus Switch with -2V Undershoot Protection
logo
Asahi Kasei Microsystem...
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4393 AKM-AK4393_12 Datasheet
260Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4393 AKM-AK4393_03 Datasheet
240Kb / 23P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com