Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4353 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD4353
Description  96kHz 24BIT DAC WITH DIT
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4353 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD4353 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4353 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ASAHI KASEI
[AK4353]
MS0016-E-01
2000/07
- 6 -
ANALOG CHARACTERISTICS (fs=44.1kHz)
(Ta=25
°C; AVDD, DVDD=5V; fs=44.1kHz; DFS1-0 = “00”; CKS2-0 = “000”; DIF2-0 = “101”;
Signal Frequency =1kHz; Measurement frequency=20Hz
∼20kHz; unless otherwise specified)
Parameter
min
typ
max
Units
Dynamic Characteristics
Resolution
24
Bits
S/(N+D)
AVDD=5V
AVDD=3V
84
80
90
86
dB
dB
DR
(-60dB input, A-weighted)
AVDD=5V
AVDD=3V
94
90
102
97
dB
dB
S/N
(A-weighted)
AVDD=5V
AVDD=3V
94
90
102
97
dB
dB
Interchannel Isolation
90
110
dB
DC Accuracy
Interchannel Gain Mismatch
0.2
0.5
dB
Gain Drift
20
-
ppm/
°C
Output Voltage
AOUT=0.6x(AVDD-AVSS)
AVDD=5V
AVDD=3V
2.8
1.66
3.0
1.8
3.2
1.94
Vpp
Vpp
Load Resistance
(Note 4)
10
k
Load Capacitance
25
pF
Power Supplies
Power Supply Current
Normal Operation
(PDN = “H”)
AVDD
DVDD
(Note 5)
Power-Down-Mode (PDN = “L”)
AVDD+DVDD
8
8
10
12
16
100
mA
mA
µA
Note:4. AC load.
5. DVDD drops to 4mA at DVDD=3V.


Similar Part No. - AKD4353

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4353 AKM-AKD4353 Datasheet
260Kb / 25P
   EVALUATION BOARD REV.A FOR AK4353
More results

Similar Description - AKD4353

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4364 AKM-AK4364 Datasheet
265Kb / 34P
   96kHz 24BIT DAC WITH PLL AND DIT
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AKD4344-A AKM-AKD4344-A Datasheet
706Kb / 34P
   24bit and 96kHz DAC with DIT for portable and home audio systems
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
AKD4345-A AKM-AKD4345-A Datasheet
705Kb / 34P
   24bit and 96kHz DAC with DIT for portable and home audio systems
AK4324 AKM-AK4324 Datasheet
166Kb / 18P
   96kHz Sampling 24Bit DS DAC
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
   96kHz sampling 24Bit?誇DAC
AK4380 AKM-AK4380 Datasheet
226Kb / 21P
   100dB 24BIT 96kHz 2CH DAC
AK4345 AKM-AK4345 Datasheet
659Kb / 26P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com