Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3605 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3605
Description  120 mA Switched Capacitor Voltage Inverter with Regulated Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3605 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3605 Datasheet HTML 2Page - Analog Devices ADP3605 Datasheet HTML 3Page - Analog Devices ADP3605 Datasheet HTML 4Page - Analog Devices ADP3605 Datasheet HTML 5Page - Analog Devices ADP3605 Datasheet HTML 6Page - Analog Devices ADP3605 Datasheet HTML 7Page - Analog Devices ADP3605 Datasheet HTML 8Page - Analog Devices ADP3605 Datasheet HTML 9Page - Analog Devices ADP3605 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP3605
Data Sheet
Rev. B | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Oscillator Frequency vs. Supply Voltage
Figure 5. Supply Current vs. Temperature
Figure 6. Oscillator Frequency vs. Temperature
Figure 7. Average Input Current vs. Output Current
Figure 8. Output Voltage vs. Load Current, VOUT = −3.0 V
Figure 9. Supply Current vs. Supply Voltage
270
260
250
3.0
3.5
4.5
4.0
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–40
–15
35
10
60
85
TEMPERATURE (°C)
SHUTDOWN MODE
(VSD = VIN)
NORMAL MODE
(VSD = 0V)
VIN = 5V
300
280
260
240
220
200
–40
–15
10
35
60
85
TEMPERATURE (°C)
140
120
100
80
60
40
20
0
10
30
50
70
90
110
130
LOAD CURRENT (mA)
–2.5
–2.6
–2.7
–2.8
–2.9
–3.0
–3.1
–3.2
0
40
80
120
160
200
280
LOAD CURRENT (mA)
240
VIN = 3V
VIN = 5V
VIN = 4.75V
VIN = 3.5V
VIN = 6V
3.5
3.0
2.5
1.5
2.0
1.0
0.5
0
7
6
5
4
3
2
1
0
3
4
5
6
SUPPLY VOLTAGE (V)
SHUTDOWN MODE
(VSD = VIN)
NORMAL MODE
(VSD = 0V)


Similar Part No. - ADP3605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3605 AD-ADP3605 Datasheet
197Kb / 8P
   120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. A
ADP3605AR AD-ADP3605AR Datasheet
197Kb / 8P
   120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. A
ADP3605AR-3 AD-ADP3605AR-3 Datasheet
197Kb / 8P
   120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. A
ADP3605ARU-3 AD-ADP3605ARU-3 Datasheet
197Kb / 8P
   120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. A
ADP3605 AD-ADP3605_15 Datasheet
233Kb / 12P
   120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
More results

Similar Description - ADP3605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3605 AD-ADP3605 Datasheet
197Kb / 8P
   120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. A
ADP3605 AD-ADP3605_15 Datasheet
233Kb / 12P
   120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3607 AD-ADP3607 Datasheet
146Kb / 8P
   50 mA Switched Capacitor Voltage Boost with Regulated Output
REV. 0
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Analog Devices
ADP3604 AD-ADP3604_15 Datasheet
127Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3604 AD-ADP3604 Datasheet
143Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com