Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24314DSJT Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ24314DSJT
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24314DSJT Datasheet(HTML) 1 Page - Texas Instruments

  BQ24314DSJT Datasheet HTML 1Page - Texas Instruments BQ24314DSJT Datasheet HTML 2Page - Texas Instruments BQ24314DSJT Datasheet HTML 3Page - Texas Instruments BQ24314DSJT Datasheet HTML 4Page - Texas Instruments BQ24314DSJT Datasheet HTML 5Page - Texas Instruments BQ24314DSJT Datasheet HTML 6Page - Texas Instruments BQ24314DSJT Datasheet HTML 7Page - Texas Instruments BQ24314DSJT Datasheet HTML 8Page - Texas Instruments BQ24314DSJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
AC Adapter
VDC
GND
1 F
m
1
2
7
5
4
6
8
bq24316DSG
bq24080
ChargerIC
SYSTEM
IN
OUT
VBAT
FAULT
CE
1 F
m
APPLICATIONSCHEMATIC
bq24314
bq24316
SLUS763C – JULY 2007 – REVISED OCTOBER 2007
www.ti.com
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND
Li+ CHARGER FRONT-END PROTECTION IC
• Available in Space-Saving Small 8 Lead 2×2
SON and 12 Lead 4x3 SON Packages
2
• Provides Protection for Three Variables:
Input Overvoltage, with Rapid Response in
< 1
μs
• Mobile Phones and Smart Phones
User-Programmable Overcurrent with
• PDAs
Current Limiting
• MP3 Players
Battery Overvoltage
• Low-Power Handheld Devices
• 30V Maximum Input Voltage
• Bluetooth Headsets
• Supports up to 1.5A Input Current
• Robust Against False Triggering Due to
Current Transients
• Thermal Shutdown
• Enable Input
• Status Indication – Fault Condition
The bq24314 and bq24316 are highly integrated circuits designed to provide protection to Li-ion batteries from
failures of the charging circuit. The IC continuously monitors the input voltage, the input current, and the battery
voltage. In case of an input overvoltage condition, the IC immediately removes power from the charging circuit by
turning off an internal switch. In the case of an overcurrent condition, it limits the system current at the threshold
value, and if the overcurrent persists, switches the pass element OFF after a blanking period. Additionally, the IC
also monitors its own die temperature and switches off if it becomes too hot. The input overcurrent threshold is
user-programmable.
The IC can be controlled by a processor and also provides status information about fault conditions to the host.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24314DSJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314DSJT TI-BQ24314DSJT Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results

Similar Description - BQ24314DSJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com