Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16R600G Datasheet(PDF) 1 Page - Littelfuse

Part # 16R600G
Description  POLYFUSE짰 Resettable PTCs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

16R600G Datasheet(HTML) 1 Page - Littelfuse

  16R600G Datasheet HTML 1Page - Littelfuse 16R600G Datasheet HTML 2Page - Littelfuse 16R600G Datasheet HTML 3Page - Littelfuse 16R600G Datasheet HTML 4Page - Littelfuse 16R600G Datasheet HTML 5Page - Littelfuse 16R600G Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
69
Revised: July 12, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc
16R Series
Radial Leaded > 16R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/16R.html for current information.
16R Series
Littelfuse 16R Series Radial Leaded PTCs are designed to
provide resettable overcurrent protection serving a wide
range of electronics applications. With maximum 16 volts
and maximum 100-ampere short circuit rating, they offer an
ideal solution for USB protection.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
typ.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
1max
(Ω)
16R250G
2.5
4.7
16
100
1.0
12.5
5.0
0.0220
0.0530
XX
16R300G
3.0
5.1
16
100
2.3
15.0
1.0
0.0380
0.0975
XX
16R400G
4.0
6.8
16
100
2.4
20.0
1.7
0.0210
0.0600
XX
16R500G
5.0
8.5
16
100
2.6
25.0
2.0
0.0150
0.0340
XX
16R600G
6.0
10.2
16
100
2.8
30.0
3.3
0.0100
0.0280
XX
16R700G
7.0
11.9
16
100
3.0
35.0
3.5
0.0077
0.0200
XX
16R800G
8.0
13.6
16
100
3.0
40.0
5.0
0.0056
0.0175
XX
16R900G
9.0
15.3
16
100
3.3
45.0
5.5
0.0047
0.0135
XX
16R1000G
10.0
17.0
16
100
3.6
50.0
6.0
0.0040
0.0102
XX
16R1100G
11.0
18.7
16
100
3.7
55.0
7.0
0.0037
0.0089
XX
16R1200G
12.0
20.4
16
100
4.2
60.0
7.5
0.0033
0.0086
XX
16R1400G
14.0
23.8
16
100
4.6
70.0
9.0
0.0026
0.0064
XX
Description
Features
Applications
requirements
Free and Halogen-Free*
I
hold = Hold current: maximum current device will pass without tripping in 23°C still air.
I
trip = Trip current: minimum current at which the device will trip in 23°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (Imax)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 23°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 23°C measured one hour after tripping.
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50119318
* Effective January 1, 2010, all 16R PTC products will be manufactured Halogen Free (HF). Existing Non-Halogen Free 16R PTC products may continue to be sold, until supplies are depleted.


Similar Part No. - 16R600G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
16R600G LITTELFUSE-16R600G Datasheet
148Kb / 6P
   POLYFUSE Resettable PTCs
16R600G LITTELFUSE-16R600G Datasheet
225Kb / 6P
   100A short circuit rating 15V Operating voltages Fast time-to-trip
16R600G LITTELFUSE-16R600G Datasheet
781Kb / 6P
   Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
More results

Similar Description - 16R600G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com