Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRR6028-471Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR6028-471Y
Description  SRR6028 Series - Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR6028-471Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR6028-471Y Datasheet HTML 1Page - Bourns Electronic Solutions SRR6028-471Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Soldering Profile
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
120 - 150 seconds
60 - 90
seconds
260°C peak
190°C
150°C
220°C
Ramp Down
6°C/second
maximum
<1> 255°C
<1> Maximum of 10 seconds between
+255°C and +260°C
Ramp Up
3°C/second maximum
10 seconds minimum
Rev. 02/22/05
SRR6028 Series - Shielded SMD Power Inductors
Features
I Height of 3.0 mm max.
I Current rating up to 3.4 A
I RoHS compliant*
Applications
I Input/output of DC/DC converters
I Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
100
6.80 ± 0.20
(.268 ± .008)
6.80 ± 0.20
(.268 ± .008)
2.30
(.091)
TYP.
2.20
(.087)
TYP.
2.30
(.091)
TYP.
2.80 ± 0.20
(.110 ± .008)
General Specifications
Test Voltage .....................0.1 V, 100 KHz
Reflow Soldering .....230 ˚C; 50 sec max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core Material.................................Ferrite
Wire ............................Enameled Copper
Adhesive..............................Epoxy Resin
Terminal.....................................Ag/Ni/Sn
Rated Current .........Ind. drop of 35 % typ.
at Isat
Temperature Rise .............30 ˚C typ. at Irms
Packaging.....................500 pcs. per reel
Recommended Layout
7.30
(.287)
2.60
(.102)
REF.
2.10
(.083)
REF.
2.60
(.102)
REF.
2.70
(.106)
REF.
REF.
R
Inductance 100 kHz
Q
Test
SRF
DCR
Bourns Part No.
(
µ
µH)
Tol. %
Ref.
Frequency
Typ.
Max.
Irms
Isat
(MHz)
(MHz)
(m
Ω)
(A)
(A)
SRR6028-1R5Y
1.5
±30
8
7.96
55
14
3.40
3.50
SRR6028-2R5Y
2.5
±30
8.5
7.96
50
25
2.80
3.00
SRR6028-3R0Y
3.0
±30
9
7.96
45
28
3.00
2.60
SRR6028-3R3Y
3.3
±30
10
7.96
45
28
2.50
2.60
SRR6028-3R9Y
3.9
±30
9
7.96
40
32
2.45
2.30
SRR6028-5R0Y
5.0
±30
7.5
7.96
38
36
2.40
2.10
SRR6028-6R0Y
6.0
±30
9
7.96
35
40
2.30
2.00
SRR6028-7R3Y
7.3
±30
6
7.96
30
52
2.20
1.85
SRR6028-8R6Y
8.6
±30
8
2.52
28
56
2.10
1.82
SRR6028-100Y
10
±30
11
2.52
25
65
2.00
1.70
SRR6028-120Y
12
±30
10
2.52
24
70
1.90
1.50
SRR6028-150Y
15
±30
9.5
2.52
22
78
1.70
1.30
SRR6028-180Y
18
±30
9
2.52
21
85
1.50
1.10
SRR6028-220Y
22
±30
8.5
2.52
20
115
1.40
1.08
SRR6028-270Y
27
±30
9
2.52
19
130
1.20
1.00
SRR6028-330Y
33
±30
10
2.52
18
155
1.15
0.92
SRR6028-390Y
39
±30
10
2.52
17
195
1.00
0.75
SRR6028-470Y
47
±30
10
2.52
16
235
0.92
0.72
SRR6028-560Y
56
±30
10
0.796
15
260
0.85
0.65
SRR6028-680Y
68
±30
11
0.796
15
300
0.80
0.60
SRR6028-820Y
82
±30
9
0.796
14
400
0.70
0.56
SRR6028-101Y
100
±30
8.5
0.796
14
500
0.58
0.55
SRR6028-151Y
150
±30
12
0.796
13
680
0.50
0.42
SRR6028-221Y
220
±30
15
0.796
12
820
0.45
0.36
SRR6028-331Y
330
±30
11
0.796
10
1400
0.37
0.27
SRR6028-471Y
470
±30
11
0.796
9
2100
0.27
0.22
SRR6028-681Y
680
±30
13
0.796
8
3100
0.22
0.20
SRR6028-102Y
1000
±30
32
0.252
7
4500
0.15
0.17
DIMENSIONS:
MM
(INCHES)
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - SRR6028-471Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR6038 BOURNS-SRR6038 Datasheet
483Kb / 4P
   Shielded SMD Power Inductors
SRR6038-100Y BOURNS-SRR6038-100Y Datasheet
483Kb / 4P
   Shielded SMD Power Inductors
SRR6038-101Y BOURNS-SRR6038-101Y Datasheet
483Kb / 4P
   Shielded SMD Power Inductors
SRR6038-120Y BOURNS-SRR6038-120Y Datasheet
483Kb / 4P
   Shielded SMD Power Inductors
SRR6038-150Y BOURNS-SRR6038-150Y Datasheet
483Kb / 4P
   Shielded SMD Power Inductors
More results

Similar Description - SRR6028-471Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com