Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16R1000G Datasheet(PDF) 2 Page - Littelfuse

Part # 16R1000G
Description  POLYFUSE짰 Resettable PTCs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

16R1000G Datasheet(HTML) 2 Page - Littelfuse

  16R1000G Datasheet HTML 1Page - Littelfuse 16R1000G Datasheet HTML 2Page - Littelfuse 16R1000G Datasheet HTML 3Page - Littelfuse 16R1000G Datasheet HTML 4Page - Littelfuse 16R1000G Datasheet HTML 5Page - Littelfuse 16R1000G Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
70
Revised: July 12, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc.
16R Series
Radial Leaded > 16R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/16R.html for current information.
Temperature Rerating Curve
Average Time Current Curves
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
16R250G
3.7
3.3
2.9
2.5
2.2
2.0
1.8
1.6
1.3
16R300G
4.4
4.0
3.5
3.0
2.6
2.4
2.1
1.9
1.6
16R400G
5.9
5.3
4.7
4.0
3.5
3.2
2.9
2.6
2.1
16R500G
7.4
6.6
5.9
5.0
4.4
4.0
3.6
3.2
2.6
16R600G
8.9
8.0
7.1
6.0
5.2
4.8
4.3
3.9
3.2
16R700G
10.4
9.3
8.2
7.0
6.1
5.6
5.0
4.5
3.7
16R800G
11.8
10.6
9.4
8.0
7.0
6.3
5.7
5.1
4.2
16R900G
13.3
12.0
10.6
9.0
7.8
7.1
6.5
5.8
4.7
16R1000G
14.8
13.3
11.8
10.0
8.7
7.9
7.1
6.4
5.3
16R1100G
16.3
14.6
12.9
11.0
9.6
8.7
7.9
7.0
5.8
16R1200G
17.7
15.9
14.1
12.0
10.5
9.5
8.6
7.7
6.3
16R1400G
20.7
18.6
16.5
14.0
12.2
11.1
10.0
9.0
7.4
Temperature Rerating
The average time current curves and Temperature Rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Temperature Rerating Curve
0.01
0.1
1
10
100
16R
1
10
100
1000
Current in Amperes


Similar Part No. - 16R1000G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
16R1000G LITTELFUSE-16R1000G Datasheet
148Kb / 6P
   POLYFUSE Resettable PTCs
16R1000G LITTELFUSE-16R1000G Datasheet
225Kb / 6P
   100A short circuit rating 15V Operating voltages Fast time-to-trip
16R1000G LITTELFUSE-16R1000G Datasheet
781Kb / 6P
   Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
More results

Similar Description - 16R1000G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com