Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16R1100G Datasheet(PDF) 5 Page - Littelfuse

Part # 16R1100G
Description  POLYFUSE짰 Resettable PTCs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

16R1100G Datasheet(HTML) 5 Page - Littelfuse

  16R1100G Datasheet HTML 1Page - Littelfuse 16R1100G Datasheet HTML 2Page - Littelfuse 16R1100G Datasheet HTML 3Page - Littelfuse 16R1100G Datasheet HTML 4Page - Littelfuse 16R1100G Datasheet HTML 5Page - Littelfuse 16R1100G Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
73
Revised: July 12, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc
16R Series
Radial Leaded > 16R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/16R.html for current information.
Packaging Options
Part Number
Ordering Number
I
hold
(A)
I
hold
Code
Packaging
Option
Quantity
Quantity &
Packaging Codes
16R250G
16R250GU
2.50
250
Bulk
500
U
16R250GPR
Tape and Ammo
2000
PR
16R300G
16R300GU
3.00
300
Bulk
500
U
16R300GPR
Tape and Ammo
2000
PR
16R400G
16R400GU
4.00
400
Bulk
500
U
16R400GPR
Tape and Ammo
2000
PR
16R500G
16R500GU
5.00
500
Bulk
500
U
16R500GPR
Tape and Ammo
2000
PR
16R600G
16R600GU
6.00
600
Bulk
500
U
16R600GDR
Tape and Ammo
1500
DR
16R700G
16R700GF
7.00
700
Bulk
200
F
16R700GKLF
16R700GMR
Tape and Ammo
1000
MR
16R700GKLMR
16R800G
16R800GF
8.00
800
Bulk
200
F
16R800GMR
Tape and Ammo
1000
MR
16R900G
16R900GF
9.00
900
Bulk
200
F
16R900GMR
Tape and Ammo
1000
MR
16R1000G
16R1000GF
10.00
1000
Bulk
200
F
16R1000GMR
Tape and Ammo
1000
MR
16R1100G
16R1100GF
11.00
1100
Bulk
200
F
16R1100GMR
Tape and Ammo
1000
MR
16R1200G
16R1200GH
12.00
1200
Bulk
100
H
16R1200GMR
Tape and Ammo
1000
MR
16R1400G
16R1400GH
14.00
1400
Bulk
100
H
Part Ordering Number System
PACKAGING STYLE
I
HOLD CURRENT CODE (SEE TABLE BELOW)
QUANTITY CODE: F=200 H=100 M=1000 D=1500 P=2000 U=500
BLANK: Bulk
R: Tape & Ammo
16 R 700 G KL M R
TYPE: G (16VDC)
Kinked Lead Device Option Identifier (16R700GKL product only)
R: RADIAL
SERIES
VOLTAGE RATING (VDC)


Similar Part No. - 16R1100G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
16R1100G LITTELFUSE-16R1100G Datasheet
148Kb / 6P
   POLYFUSE Resettable PTCs
16R1100G LITTELFUSE-16R1100G Datasheet
225Kb / 6P
   100A short circuit rating 15V Operating voltages Fast time-to-trip
16R1100G LITTELFUSE-16R1100G Datasheet
781Kb / 6P
   Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
More results

Similar Description - 16R1100G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com