Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4393 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD4393
Description  ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4393 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD4393 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ASAHI KASEI
[AK4393]
M0039-E-01
2000/5
- 5 -
ANALOG CHARACTERISTICS
(Ta = 25
°C; AVDD = 5V, DVDD = 3.3V; AVSS, BVSS, DVSS = 0V, VREFH = AVDD, VREFL = AVSS;
fs = 44.1kHz; BICK = 64fs; Signal Frequency = 1kHz; 24bit Input Data; Measurement Bandwidth = 20Hz~20kHz;
RL
³ 600W; External circuit: Figure 11; unless otherwise specified)
Parameter
min
typ
max
Units
Resolution
24
Bits
Dynamic Characteristics
(Note 5)
fs=44.1kHz
BW=20kHz
0dBFS
-60dBFS
-100
-53
-90
-
dB
dB
THD+N
fs=96kHz
BW=40kHz
0dBFS
-60dBFS
-97
-51
-86
-
dB
dB
fs=44.1kHz (Note 6)
(Note 7)
112
-
117
120
dB
dB
Dynamic Range
(-60dBFS with A-weighted)
fs=96kHz
(Note 7)
111
-
116
118
dB
dB
fs=44.1kHz (Note 8)
(Note 7)
112
-
117
120
dB
dB
S/N
(A-weighted
fs=96kHz
(Note 7)
111
-
116
118
dB
dB
Interchannel Isolation (1kHz)
100
120
dB
DC Accuracy
Interchannel Gain Mismatch
0.15
0.3
dB
Gain Drift
(Note 9)
20
-
ppm/
°C
Output Voltage
(Note 10)
±2.25
±2.4
±2.55
Vpp
Load Resistance
(Note 11)
600
W
Output Current
3.5
mA
Power Supplies
Power Supply Current
Normal Operation (PDN = “H”)
AVDD
DVDD(fs=44.1kHz)
DVDD(fs=96kHz)
AVDD + DVDD
60
3
5
-
-
-
90
mA
mA
mA
mA
Power-Down Mode (PDN = “L”)
AVDD + DVDD
(Note 12)
10
50
µA
Power Supply Rejection
(Note 13)
50
dB
Notes: 5. At 44.1kHz, measured by Audio Precision, System Two. Averaging mode.
At 96kHz, measured by ROHDE & SCHWARZ, UPD. Averaging mode.
Refer to the eva board manual.
6. 101dB at 16bit data and 116dB at 20bit data.
7. By Figure12. External LPF Circuit Example 2.
8. S/N does not depend on input bit length.
9. The voltage on (VREFH-VREFL) is held +5V externally.
10. Full-scale voltage (0dB). Output voltage scales with the voltage of (VREFH-VREFL).
AOUT (typ.@0dB) = (AOUT+) - (AOUT-) =
±2.4Vpp×(VREFH-VREFL)/5.
11. For AC-load. 1k
W for DC-load.
12. In the power-down mode. P/S = DVDD, and all other digital input pins including clock pins (MCLK, BICK and
LRCK) are held DVSS.
13. PSR is applied to AVDD, DVDD with 1kHz, 100mVpp. VREFH pin is held +5V.


Similar Part No. - AKD4393

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4393 AKM-AKD4393 Datasheet
399Kb / 21P
   EVALUATION BOARD REV.C FOR AK4393
AKD4393 AKM-AKD4393 Datasheet
240Kb / 23P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
More results

Similar Description - AKD4393

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4393(VM) AKM-AK4393(VM) Datasheet
774Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit 6 DAC
AK4393 AKM-AK4393_12 Datasheet
260Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4393 AKM-AK4393_03 Datasheet
240Kb / 23P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4395 AKM-AK4395 Datasheet
277Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AK4394 AKM-AK4394 Datasheet
299Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
logo
Wolfson Microelectronic...
WM8714 WOLFSON-WM8714 Datasheet
157Kb / 17P
   24-bit, 96kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
   100dB 96kHz 24-Bit 2ch ?誇 DAC
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
logo
Analog Devices
AD1838A AD-AD1838A Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com