Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM1200WURZ-RL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADuM1200WURZ-RL7
Description  Dual-Channel Digital Isolators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1200WURZ-RL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuM1200WURZ-RL7 Datasheet HTML 4Page - Analog Devices ADuM1200WURZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM1200WURZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM1200WURZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM1200WURZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM1200WURZ-RL7 Datasheet HTML 9Page - Analog Devices ADuM1200WURZ-RL7 Datasheet HTML 10Page - Analog Devices ADuM1200WURZ-RL7 Datasheet HTML 11Page - Analog Devices ADuM1200WURZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADuM1200/ADuM1201
Data Sheet
Rev. I | Page 8 of 28
ELECTRICAL CHARACTERISTICS—MIXED 5 V/3 V OR 3 V/5 V, 105°C OPERATION
All voltages are relative to their respective ground; 5 V/3 V operation: 4.5 V ≤ VDD1 ≤ 5.5 V, 2.7 V ≤ VDD2 ≤ 3.6 V. 3 V/5 V operation:
2.7 V ≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 5.5 V; all minimum/maximum specifications apply over the entire recommended operating range,
unless otherwise noted; all typical specifications are at TA = 25°C; VDD1 = 3.0 V, VDD2 = 5.0 V; or VDD1 = 5.0 V, VDD2 = 3.0 V; this does not
apply to ADuM1200W and ADuM1201W automotive grade products.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current per Channel,
Quiescent
IDDI (Q)
5 V/3 V Operation
0.50
0.6
mA
3 V/5 V Operation
0.26
0.35
mA
Output Supply Current per Channel,
Quiescent
IDDO (Q)
5 V/3 V Operation
0.11
0.20
mA
3 V/5 V Operation
0.19
0.25
mA
ADuM1200 Total Supply Current,
Two Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
5 V/3 V Operation
1.1
1.4
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
0.6
1.0
mA
DC to 1 MHz logic signal freq.
VDD2 Supply Current
IDD2 (Q)
5 V/3 V Operation
0.2
0.6
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
0.5
0.8
mA
DC to 1 MHz logic signal freq.
10 Mbps (BR and CR Grades Only)
VDD1 Supply Current
IDD1 (10)
5 V/3 V Operation
4.3
5.5
mA
5 MHz logic signal freq.
3 V/5 V Operation
2.2
3.4
mA
5 MHz logic signal freq.
VDD2 Supply Current
IDD2 (10)
5 V/3 V Operation
0.7
1.1
mA
5 MHz logic signal freq.
3 V/5 V Operation
1.3
2.0
mA
5 MHz logic signal freq.
25 Mbps (CR Grade Only)
VDD1 Supply Current
IDD1 (25)
5 V/3 V Operation
10
13
mA
12.5 MHz logic signal freq.
3 V/5 V Operation
5.2
7.7
mA
12.5 MHz logic signal freq.
VDD2 Supply Current
IDD2 (25)
5 V/3 V Operation
1.5
2.0
mA
12.5 MHz logic signal freq.
3 V/5 V Operation
2.8
3.4
mA
12.5 MHz logic signal freq.
ADuM1201 Total Supply Current,
Two Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
5 V/3 V Operation
0.8
1.1
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
0.4
0.8
mA
DC to 1 MHz logic signal freq.
VDD2 Supply Current
IDD2 (Q)
5 V/3 V Operation
0.4
0.8
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
0.8
1.1
mA
DC to 1 MHz logic signal freq.
10 Mbps (BR and CR Grades Only)
VDD1 Supply Current
IDD1 (10)
5 V/3 V Operation
2.8
3.5
mA
5 MHz logic signal freq.
3 V/5 V Operation
1.5
2.2
mA
5 MHz logic signal freq.
VDD2 Supply Current
IDD2 (10)
5 V/3 V Operation
1.5
2.2
mA
5 MHz logic signal freq.
3 V/5 V Operation
2.8
3.5
mA
5 MHz logic signal freq.


Similar Part No. - ADuM1200WURZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM1200WURZ-RL7 AD-ADuM1200WURZ-RL7 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
More results

Similar Description - ADuM1200WURZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com