Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2189NBSTZ-3202 Datasheet(PDF) 10 Page - Analog Devices

Part # ADSP-2189NBSTZ-3202
Description  DSP Microcomputer
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2189NBSTZ-3202 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADSP-2189NBSTZ-3202 Datasheet HTML 6Page - Analog Devices ADSP-2189NBSTZ-3202 Datasheet HTML 7Page - Analog Devices ADSP-2189NBSTZ-3202 Datasheet HTML 8Page - Analog Devices ADSP-2189NBSTZ-3202 Datasheet HTML 9Page - Analog Devices ADSP-2189NBSTZ-3202 Datasheet HTML 10Page - Analog Devices ADSP-2189NBSTZ-3202 Datasheet HTML 11Page - Analog Devices ADSP-2189NBSTZ-3202 Datasheet HTML 12Page - Analog Devices ADSP-2189NBSTZ-3202 Datasheet HTML 13Page - Analog Devices ADSP-2189NBSTZ-3202 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Rev. A
|
Page 10 of 48
|
August 2006
ADSP-218xN
Program Memory
Program Memory (Full Memory Mode) is a 24-bit-wide space
for storing both instruction opcodes and data. The member
DSPs of this series have up to 48K words of Program Memory
RAM on chip, and the capability of accessing up to two 8K
external memory overlay spaces, using the external data bus.
Figure 7. ADSP-2187 Memory Architecture
Figure 8. ADSP-2188 Memory Architecture
Figure 9. ADSP-2189 Memory Architecture
PROGRAM MEMORY
PM OVERLAY 1,2
(EXTERNAL PM)
INTERNAL PM
PM OVERLAY 0,4,5
(INTERNAL PM)
MODEB = 0
0x3FFF
0x2000
0x0000
0x1FFF
0x3FFF
0x2000
0x0000
0x3FE0
0x3FDF
0x1FFF
DATA MEMORY
DM OVERLAY 1,2
(EXTERNAL DM)
INTERNAL DM
32 MEMORY-MAPPED
CONTROL REGISTERS
DM OVERLAY 0,4,5
(INTERNAL DM)
PROGRAM MEMORY
RESERVED
EXTERNAL PM
MODEB = 1
0x3FFF
0x2000
0x0000
0x1FFF
PROGRAM MEMORY
PM OVERLAY 1,2
(EXTERNAL PM)
INTERNAL PM
PM OVERLAY
0,4,5,6,7
(INTERNAL PM)
MODEB = 0
0x3FFF
0x2000
0x0000
0x1FFF
0x3FFF
0x2000
0x0000
0x3FE0
0x3FDF
0x1FFF
DATA MEMORY
DM OVERLAY 1,2
(EXTERNAL DM)
INTERNAL DM
32 MEMORY-MAPPED
CONTROL REGISTERS
DM OVERLAY
0,4,5,6,7,8
(INTERNAL DM)
PROGRAM MEMORY
RESERVED
EXTERNAL PM
MODEB = 1
0x3FFF
0x2000
0x0000
0x1FFF
PROGRAM MEMORY
PM OVERLAY 1,2
(EXTERNAL PM)
INTERNAL PM
PM OVERLAY 0,4,5
(INTERNAL PM)
MODEB = 0
0x3FFF
0x2000
0x0000
0x1FFF
0x3FFF
0x2000
0x0000
0x3FE0
0x3FDF
0x1FFF
DATA MEMORY
DM OVERLAY 1,2
(EXTERNAL DM)
INTERNAL DM
32 MEMORY-MAPPED
CONTROL REGISTERS
DM OVERLAY
0,4,5,6,7
(INTERNAL DM)
PROGRAM MEMORY
RESERVED
EXTERNAL PM
MODEB = 1
0x3FFF
0x2000
0x0000
0x1FFF


Similar Part No. - ADSP-2189NBSTZ-3202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2189NBSTZ-3202 AD-ADSP-2189NBSTZ-3202 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2189NBSTZ-3202 AD-ADSP-2189NBSTZ-3202 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
More results

Similar Description - ADSP-2189NBSTZ-3202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com