Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4395 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD4395
Description  ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4395 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD4395 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ASAHI KASEI
[AK4395]
MS0040-E-00
2000/7
- 8 -
DC CHARACTERISTICS
(Ta = 25
°C; AVDD, DVDD = 4.75~5.25V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
2.2
-
-
-
-
0.8
V
V
High-Level Output Voltage
(Iout = -100
µA)
Low-Level Output Voltage
(Iout = 100
µA)
VOH
VOL
DVDD-0.5
-
-
-
-
0.5
V
V
Input Leakage Current
(Note 17)
Iin
-
-
± 10
µA
Note: 17. DFS0/CAD0, CKS1/CAD1 and P/S pins have internal pull-down or pull-up devices, nominally 100k
Ω.
SWITCHING CHARACTERISTICS
(Ta = 25
°C; AVDD, DVDD = 4.75~5.25V; C
L = 20pF)
Parameter
Symbol
min
typ
max
Units
Master Clock Timing
Frequency
Duty Cycle
fCLK
dCLK
7.7
40
41.472
60
MHz
%
LRCK Frequency
(Note 18)
Normal Speed Mode
Double Speed Mode
Quad Speed Mode
Duty Cycle
fsn
fsd
fsq
Duty
30
60
120
45
54
108
216
55
kHz
kHz
kHz
%
Serial Interface Timing
BICK Period
Normal Speed Mode
Double Speed Mode
Quad Speed Mode
BICK Pulse Width Low
Pulse Width High
BICK “
↑” to LRCK Edge
(Note 19)
LRCK Edge to BICK “
↑”
(Note 19)
SDATA Hold Time
SDATA Setup Time
tBCK
tBCK
tBCK
tBCKL
tBCKH
tBLR
tLRB
tSDH
tSDS
1/128fs
1/64fs
1/64fs
30
30
20
20
20
20
ns
ns
ns
ns
ns
ns
ns
ns
ns
Control Interface Timing
CCLK Period
CCLK Pulse Width Low
Pulse Width High
CDTI Setup Time
CDTI Hold Time
CSN High Time
CSN “
↓” to CCLK “↑”
CCLK “
↑” to CSN “↑”
tCCK
tCCKL
tCCKH
tCDS
tCDH
tCSW
tCSS
tCSH
200
80
80
50
50
150
50
50
ns
ns
ns
ns
ns
ns
ns
ns
Reset Timing
PDN Pulse Width
(Note 20)
tPD
150
ns
Notes: 18. When the normal/double/quad speed modes are switched, AK4395 should be reset by PDN pin or RSTN bit.
19. BICK rising edge must not occur at the same time as LRCK edge.
20. The AK4395 can be reset by bringing PDN “L” to “H”.
When the states of CKS2-0 or DFS1-0 change, the AK4395 should be reset by PDN pin or RSTN bit.


Similar Part No. - AKD4395

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4395 AKM-AKD4395 Datasheet
412Kb / 25P
   EVALUATION BOARD REV.C FOR AK4395
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
More results

Similar Description - AKD4395

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4394 AKM-AK4394 Datasheet
299Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4396VF AKM-AK4396VF Datasheet
541Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit
AK4393 AKM-AK4393 Datasheet
235Kb / 22P
   ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
logo
Wolfson Microelectronic...
WM8741 WOLFSON-WM8741_09 Datasheet
862Kb / 64P
   24-bit 192kHz DAC with Advanced Digital Filtering
logo
Cirrus Logic
WM8741 CIRRUS-WM8741 Datasheet
898Kb / 66P
   24-bit 192kHz DAC with Advanced Digital Filtering
logo
Wolfson Microelectronic...
WM8741 WOLFSON-WM8741 Datasheet
903Kb / 63P
   24-bit 192kHz DAC with Advanced Digital Filtering
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com