Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4395 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AKD4395
Description  ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4395 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AKD4395 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ASAHI KASEI
[AK4395]
MS0040-E-00
2000/7
- 9 -
n Timing Diagram
1/fCLK
tCLKL
VIH
tCLKH
MCLK
VIL
dCLK=tCLKH x fCLK, tCLKL x fCLK
1/fs
VIH
LRCK
VIL
tBCK
tBCKL
VIH
tBCKH
BICK
VIL
Clock Timing
tLRB
LRCK
VIH
BICK
VIL
tSDS
VIH
SDATA
VIL
tSDH
VIH
VIL
tBLR
Audio Interface Timing


Similar Part No. - AKD4395

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4395 AKM-AKD4395 Datasheet
412Kb / 25P
   EVALUATION BOARD REV.C FOR AK4395
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
More results

Similar Description - AKD4395

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4394 AKM-AK4394 Datasheet
299Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4396VF AKM-AK4396VF Datasheet
541Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit
AK4393 AKM-AK4393 Datasheet
235Kb / 22P
   ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
logo
Wolfson Microelectronic...
WM8741 WOLFSON-WM8741_09 Datasheet
862Kb / 64P
   24-bit 192kHz DAC with Advanced Digital Filtering
logo
Cirrus Logic
WM8741 CIRRUS-WM8741 Datasheet
898Kb / 66P
   24-bit 192kHz DAC with Advanced Digital Filtering
logo
Wolfson Microelectronic...
WM8741 WOLFSON-WM8741 Datasheet
903Kb / 63P
   24-bit 192kHz DAC with Advanced Digital Filtering
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com