Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1280BRZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADUM1280BRZ
Description  3 kV RMS Dual Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1280BRZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUM1280BRZ Datasheet HTML 6Page - Analog Devices ADUM1280BRZ Datasheet HTML 7Page - Analog Devices ADUM1280BRZ Datasheet HTML 8Page - Analog Devices ADUM1280BRZ Datasheet HTML 9Page - Analog Devices ADUM1280BRZ Datasheet HTML 10Page - Analog Devices ADUM1280BRZ Datasheet HTML 11Page - Analog Devices ADUM1280BRZ Datasheet HTML 12Page - Analog Devices ADUM1280BRZ Datasheet HTML 13Page - Analog Devices ADUM1280BRZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADuM1280/ADuM1281/ADuM1285/ADuM1286
Data Sheet
Rev. A | Page 10 of 20
PACKAGE CHARACTERISTICS
Table 22.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input-to-Output)1
RI-O
1013
Capacitance (Input-to-Output)1
CI-O
2
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
IC Junction-to-Ambient Thermal
Resistance
θJA
85
°C/W
Thermocouple locatedat center of package underside
1
The device is considered a 2-terminal device; Pin 1 through Pin 4 are shorted together and Pin 5 through Pin 8 are shorted together.
2
Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
The ADuM128x is pending approval by the organizations listed in Table 23. See Table 27 and Table 28 for recommended maximum
working voltages for specific cross-isolation waveforms and insulation levels.
Table 23.
UL (Pending)
CSA (Pending)
VDE (Pending)
Recognized under UL 1577
Component Recognition Program1
Approved under CSA Component Acceptance
Notice #5A
Certifiedaccording to DIN V VDE V 0884-10
(VDE V 0884-10): 2006-122
Single Protection, 3000 V RMS
Isolation Voltage
Basic insulation per CSA 60950-1-03 and
IEC 60950-1, 400 V rms (565 V peak) maximum
working voltage
Reinforced insulation, 560 V peak
File E214100
File 205078
File 2471900-4880-0001
1
In accordance with UL 1577, each ADuM128x is proof tested by applying an insulation test voltage ≥ 3600 V rms for 1 second (current leakage detectionlimit = 6 µA).
2
In accordance with DIN V VDE V 0884-10,each ADuM128x is proof tested by applying an insulation test voltage ≥1050 V peak for 1 second (partial discharge detection
limit = 5 pC). The asterisk (*) marked on the component designates DINV VDE V 0884-10 approval.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 24.
Parameter
Symbol Value
Unit
Conditions
Rated Dielectric InsulationVoltage
3000
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
4.0
mm min
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
4.0
mm min
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017
mm min
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>400
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
II
Material Group (DIN VDE 0110, 1/89, Table 1)


Similar Part No. - ADUM1280BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1280BRZ AD-ADUM1280BRZ Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM1280BRZ-RL7 AD-ADUM1280BRZ-RL7 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
More results

Similar Description - ADUM1280BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com