Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1280CRZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADUM1280CRZ
Description  3 kV RMS Dual Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1280CRZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUM1280CRZ Datasheet HTML 2Page - Analog Devices ADUM1280CRZ Datasheet HTML 3Page - Analog Devices ADUM1280CRZ Datasheet HTML 4Page - Analog Devices ADUM1280CRZ Datasheet HTML 5Page - Analog Devices ADUM1280CRZ Datasheet HTML 6Page - Analog Devices ADUM1280CRZ Datasheet HTML 7Page - Analog Devices ADUM1280CRZ Datasheet HTML 8Page - Analog Devices ADUM1280CRZ Datasheet HTML 9Page - Analog Devices ADUM1280CRZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADuM1280/ADuM1281/ADuM1285/ADuM1286
Data Sheet
Rev. A | Page 6 of 20
ELECTRICAL CHARACTERISTICS—MIXED 3 V/5 V OPERATION (A, B, AND C GRADES)
All typical specifications are at TA = 25°C, VDD1 = 3.0 V, VDD2 = 5 V. Minimum/maximum specifications apply over the entire
recommended operation range: 2.7 V ≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 5.5 V; and −40°C ≤ TA ≤ 125°C; unless otherwise noted. Switching
specifications are tested with CL=15 pF and CMOS signal levels, unless otherwise noted.
Table 10.
A Grade
B Grade
C Grade
Parameter
Symbol
Min
Typ
Min
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
SWITCHING SPECIFICATIONS
Pulse Width
PW
1000
40
10
ns
Within PWD limit
Data Rate
1
25
100
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
50
35
16
24
30
ns
50% input to 50% output
Pulse Width Distortion
PWD
10
3
2.5
ns
|tPLH − tPHL|
Change vs. Temperature
7
3
1.5
ps/C
Propagation Delay Skew
tPSK
38
16
12
ns
Between any two units at
same operating conditions
Channel Matching
Codirectional
tPSKCD
5
3
2.5
ns
Opposing-Direction
tPSKOD
10
6
5
ns
Jitter
2
2
1
ns
7
Codirectional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier. Opposing-directional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the isolation barrier.
Table 11.
Parameter
Symbol
1 Mbps–A, B, C Grade
25 Mbps–B, C Grade
100 Mbps–C Grade
Unit
Test Conditions
Min
Typ
Min
Min
Typ
Max
Min
Typ
Max
SUPPLY CURRENT
No load
ADuM1280/ADuM1285
IDD1
0.75
1.4
5.1
9.0
17
23
mA
IDD2
2.7
4.5
4.8
7.0
9.5
15
mA
ADuM1281/ADuM1286
IDD1
1.6
2.1
3.8
5.0
11
15
mA
IDD2
1.7
2.3
3.9
6.2
11
15
mA
Table 12. For All Models
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Logic High Input Threshold
VIH
0.7 VDDx
V
Logic Low Input Threshold
VIL
0.3 VDDx
V
Logic High Output Voltages
VOH
VDDx − 0.1
VDDx
V
IOx = −20 μA, VIx = VIxH
VDDx − 0.4
VDDx − 0.2
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOL
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
Input Current per Channel
II
−10
+0.01
+10
μA
0 V ≤ VIx ≤ VDDx
Supply Current per Channel
Quiescent Input Supply Current
IDDI(Q)
0.4
0.75
mA
Quiescent Output Supply Current
IDDO(Q)
1.6
2.0
mA
Dynamic Input Supply Current
IDDI(D)
0.08
mA/Mbps
Dynamic Output Supply Current
IDDO(D)
0.03
mA/Mbps
Undervoltage-Lockout
Positive VDDX Threshold
VDDxUV+
2.6
V
Negative VDDX Threshold
VDDxUV−
2.4
V
VDDX Hysteresis
VDDxUVH
0.2
V
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient Immunity1
|CM|
25
35
kV/μs
VIx = VDDx, VCM = 1000 V,
transient magnitude = 800 V
Refresh Period
tr
1.6
μs
1 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining Vo > 0.8 VDDX. The common-mode voltage slew rates apply to both
rising and falling common-mode voltage edges.


Similar Part No. - ADUM1280CRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1280CRZ AD-ADUM1280CRZ Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM1280CRZ-RL7 AD-ADUM1280CRZ-RL7 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
More results

Similar Description - ADUM1280CRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com