Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7189BKSTZ10F2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7189BKSTZ10F2
Description  Multiformat SDTV Video Decoder
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7189BKSTZ10F2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7189BKSTZ10F2 Datasheet HTML 4Page - Analog Devices ADV7189BKSTZ10F2 Datasheet HTML 5Page - Analog Devices ADV7189BKSTZ10F2 Datasheet HTML 6Page - Analog Devices ADV7189BKSTZ10F2 Datasheet HTML 7Page - Analog Devices ADV7189BKSTZ10F2 Datasheet HTML 8Page - Analog Devices ADV7189BKSTZ10F2 Datasheet HTML 9Page - Analog Devices ADV7189BKSTZ10F2 Datasheet HTML 10Page - Analog Devices ADV7189BKSTZ10F2 Datasheet HTML 11Page - Analog Devices ADV7189BKSTZ10F2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
ADV7189B
Rev. B | Page 8 of 104
TIMING SPECIFICATIONS
Guaranteed by characterization. AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.65 V to 2.0 V; operating
temperature range, unless otherwise specified.
Table 3.
Parameter
2F
1,
3F
2
Symbol
Test Conditions
Min
Typ
Max
Unit
SYSTEM CLOCK AND CRYSTAL
Nominal Frequency
28.6363
MHz
Frequency Stability
±50
ppm
I2C PORT
SCLK Frequency
400
kHz
SCLK Min Pulse Width High
t1
0.6
μs
SCLK Min Pulse Width Low
t2
1.3
μs
Hold Time (Start Condition)
t3
0.6
μs
Setup Time (Start Condition)
t4
0.6
μs
SDA Setup Time
t5
100
ns
SCLK and SDA Rise Time
t6
300
ns
SCLK and SDA Fall Time
t7
300
ns
Setup Time for Stop Condition
t8
0.6
μs
RESET FEATURE
Reset Pulse Width
5
ms
CLOCK OUTPUTS
LLC1 Mark Space Ratio
t9:t10
45:55
55:45
% duty
cycle
LLC1 Rising to LLC2 Rising
t11
0.5
ns
LLC1 Rising to LLC2 Falling
t12
0.5
ns
DATA AND CONTROL OUTPUTS
Data Output Transitional Time
t13
Negative clock edge to start of
valid data (tACCESS = t10 – t13)
3.4
ns
Data Output Transitional Time
t14
End of valid data to negative
clock edge (tHOLD = t9 + t14)
2.4
ns
Propagation Delay to Hi Z
t15
6
ns
Max Output Enable Access Time
t16
7
ns
Min Output Enable Access Time
t17
4
ns
1 Temperature range: TMIN to TMAX, –40°C to +85°C. (0°C to 70°C for ADV7189BKSTZ).
2 The min/max specifications are guaranteed over this range.
ANALOG SPECIFICATIONS
Guaranteed by characterization. AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.65 V to 2.0 V; operating
temperature range, unless otherwise specified. Recommended Analog input video signal range 0.5 V to 1.5 V, typically 1 V p-p.
Table 4.
Parameter
4F
1,
5F
2
Symbol
Test Condition
Min
Typ
Max
Unit
CLAMP CIRCUITRY
External Clamp Capacitor
0.1
μF
Input Impedance
Clamps switched off
10
Large Clamp Source Current
0.75
mA
Large Clamp Sink Current
0.75
mA
Fine Clamp Source Current
60
μA
Fine Clamp Sink Current
60
μA
1 Temperature range: TMIN to TMAX, –40°C to +85°C. (0°C to 70°C for ADV7189BKSTZ).
2 The min/max specifications are guaranteed over this range.


Similar Part No. - ADV7189BKSTZ10F2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7189BKSTZ10F AD-ADV7189BKSTZ10F Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results

Similar Description - ADV7189BKSTZ10F2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181 AD-ADV7181 Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7189 AD-ADV7189 Datasheet
890Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183A AD-ADV7183A Datasheet
894Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183B AD-ADV7183B Datasheet
911Kb / 100P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com