Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM185BYH-2.5 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM185BYH-2.5
Description  LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM185BYH-2.5 Datasheet(HTML) 3 Page - Texas Instruments

  LM185BYH-2.5 Datasheet HTML 1Page - Texas Instruments LM185BYH-2.5 Datasheet HTML 2Page - Texas Instruments LM185BYH-2.5 Datasheet HTML 3Page - Texas Instruments LM185BYH-2.5 Datasheet HTML 4Page - Texas Instruments LM185BYH-2.5 Datasheet HTML 5Page - Texas Instruments LM185BYH-2.5 Datasheet HTML 6Page - Texas Instruments LM185BYH-2.5 Datasheet HTML 7Page - Texas Instruments LM185BYH-2.5 Datasheet HTML 8Page - Texas Instruments LM185BYH-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM185-2.5-N, LM285-2.5-N, LM385-2.5-N
www.ti.com
SNVS743D – DECEMBER 1999 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS
LM385A-2.5-N
LM385AX-2.5-N
Units
Parameter
Conditions
Typ
(Limits)
LM385AY-2.5-N
Tested Limit(2)
Design Limit(3)
Reverse Breakdown
IR = 100 μA
2.500
2.480
V(Min)
Voltage
2.520
V(Max)
2.500
2.470
V(Min)
2.530
V(Max)
Minimum Operating
12
18
20
μA
Current
(Max)
Reverse Breakdown
IMIN ≤ IR ≤ 1mA
1
1.5
mV
Voltage Change with
(Max)
Current
1 mA
≤ IR ≤ 20 mA
10
20
mV
(Max)
Reverse Dynamic
IR = 100 μA,
0.2
0.6
Ω
Impedance
f = 20 Hz
1.5
Wideband Noise (rms)
IR = 100 μA
120
μV
10 Hz
≤ f ≤ 10 kHz
Long Term Stability
IR = 100 μA, T = 1000 Hr,
20
ppm
TA = 25°C ±0.1°C
Average Temperature Coefficient(4)
IMIN ≤ IR ≤ 20 mA
X Suffix
30
ppm/°C
Y Suffix
50
(Max)
All Others
150
(1)
Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C.
(2)
Specified and 100% production tested.
(3)
Specified, but not 100% production tested. These limits are not used to calculate average outgoing quality levels.
(4)
The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between
the operating TMAX and TMIN, divided by TMAX–TMIN. The measured temperatures are −55°C, −40°C, 0°C, 25°C, 70°C, 85°C, 125°C.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM185-2.5-N LM285-2.5-N LM385-2.5-N


Similar Part No. - LM185BYH-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM185BYH-2.5 NSC-LM185BYH-2.5 Datasheet
742Kb / 13P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185BYH-2.5 TI1-LM185BYH-2.5 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185BYH-2.5 TI1-LM185BYH-2.5 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185BYH-2.5 TI1-LM185BYH-2.5 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185BYH-2.5/NOPB TI1-LM185BYH-2.5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results

Similar Description - LM185BYH-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285BYMX-25 TI1-LM285BYMX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285M-25 TI1-LM285M-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385Z-2.5 TI-LM385Z-2.5 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N_13 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com