Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1281BRZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM1281BRZ
Description  3 kV RMS Dual Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1281BRZ Datasheet(HTML) 2 Page - Analog Devices

  ADUM1281BRZ Datasheet HTML 1Page - Analog Devices ADUM1281BRZ Datasheet HTML 2Page - Analog Devices ADUM1281BRZ Datasheet HTML 3Page - Analog Devices ADUM1281BRZ Datasheet HTML 4Page - Analog Devices ADUM1281BRZ Datasheet HTML 5Page - Analog Devices ADUM1281BRZ Datasheet HTML 6Page - Analog Devices ADUM1281BRZ Datasheet HTML 7Page - Analog Devices ADUM1281BRZ Datasheet HTML 8Page - Analog Devices ADUM1281BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADuM1280/ADuM1281/ADuM1285/ADuM1286
Data Sheet
Rev. A | Page 2 of 20
TABLE OF CONTENTS
Features .....................................................................................1
Applications...............................................................................1
General Description ..................................................................1
Functional Block Diagrams .......................................................1
Revision History........................................................................2
Specifications.............................................................................3
Electrical Characteristics—5 V Operation (All Grades).........3
Electrical Characteristics—3 V Operation (A, B, and C
Grades) ..................................................................................4
Electrical Characteristics—Mixed 5 V/3 V Operation (A, B,
and C Grades)........................................................................5
Electrical Characteristics—Mixed 3 V/5 V Operation (A, B,
and C Grades)........................................................................6
Electrical Characteristics—3 V Operation (WA, WB, and WC
Grades) ..................................................................................7
Electrical Characteristics—Mixed 5 V/3 V Operation (WA,
WB, and WC Grades) ............................................................8
Electrical Characteristics—Mixed 3 V/5 V Operation (WA,
WB, and WC Grades) ............................................................9
Package Characteristics........................................................10
Regulatory Information.......................................................10
Insulation and Safety-Related Specifications .......................10
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
Insulation Characteristics....................................................11
Recommended Operating Conditions.................................11
Absolute Maximum Ratings....................................................12
ESD Caution........................................................................12
Pin Configurations and Function Descriptions.......................13
Typical Performance Characteristics.......................................15
Applications Information........................................................16
PC Board Layout .................................................................16
Propagation Delay-Related Parameters................................16
DC Correctness and Magnetic Field Immunity...................16
Power Consumption............................................................17
Insulation Lifetime ..............................................................18
Outline Dimensions ................................................................19
Ordering Guide ...................................................................19
Automotive Products...........................................................19
REVISION HISTORY
3/13—Rev. 0 to Rev. A
Changes to Features Section, Applications Section, and General
Description Section ...................................................................1
Added Table 13 to Table 21; Renumbererd Sequentially............7
Changes to Table 26.................................................................11
Changes to Table 29 and Table 30............................................13
Changes to Ordering Guide.....................................................19
Added Automotive Products Section.......................................19
5/12—Revision0: Initial Version


Similar Part No. - ADUM1281BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1281BRZ AD-ADUM1281BRZ Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM1281BRZ-RL7 AD-ADUM1281BRZ-RL7 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
More results

Similar Description - ADUM1281BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com