Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1275-1ACPZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1275-1ACPZ
Description  Hot-Swap Controller and Digital Power
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ACPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1275-1ACPZ Datasheet HTML 4Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 5Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 6Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 7Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 8Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 9Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 10Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 11Page - Analog Devices ADM1275-1ACPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 8 of 48
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VCC Pin
−0.3 V to +25 V
UV Pin
−0.3 V to +4 V
OV Pin
−0.3 V to +4 V
SS Pin
−0.3 V to VCAP + 0.3 V
TIMER Pin
−0.3 V to VCAP + 0.3 V
VCAP Pin
−0.3 V to +4 V
ISET Pin
−0.3 V to VCAP + 0.3 V
LATCH Pin
−0.3 V to +25 V
SCL Pin
−0.3 V to +6.5 V
SDA Pin
−0.3 V to +6.5 V
ADR Pin
−0.3 V to VCAP + 0.3 V
GPO1/ALERT1/CONV Pin, ENABLE Pin
−0.3 V to +25 V
GPO2/ALERT2 Pin
−0.3 V to +25 V
PWRGD Pin
−0.3 V to +25 V
FLB Pin
−0.3 V to +25 V
VOUT Pin
−0.3 V to +25 V
GATE Pin (Internal Supply Only)1
−0.3 V to +36 V
SENSE+ Pin
−0.3 V to +25 V
SENSE− Pin
−0.3 V to +25 V
VSENSE (VSENSE+ − VSENSE−)
±0.3 V
Continuous Current into Any Pin
±10 mA
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature, Soldering (10 sec)
300°C
Junction Temperature
150°C
1
The GATE pin has internal clamping circuits to prevent the GATE pin voltage
from exceeding the maximum ratings of a MOSFET with VGSMAX = 20 V and
internal process limits. Applying a voltage source to this pin externally may
cause irreversible damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
Unit
16-lead QSOP (RQ-16)
150
°C/W
20-lead QSOP (RQ-20)
126
°C/W
20-lead LFCSP (CP-20-9)
30.4
°C/W
ESD CAUTION


Similar Part No. - ADM1275-1ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

Similar Description - ADM1275-1ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
logo
Analog Devices
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com