Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7390 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7390
Description  3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7390 Datasheet(HTML) 5 Page - Analog Devices

  AD7390 Datasheet HTML 1Page - Analog Devices AD7390 Datasheet HTML 2Page - Analog Devices AD7390 Datasheet HTML 3Page - Analog Devices AD7390 Datasheet HTML 4Page - Analog Devices AD7390 Datasheet HTML 5Page - Analog Devices AD7390 Datasheet HTML 6Page - Analog Devices AD7390 Datasheet HTML 7Page - Analog Devices AD7390 Datasheet HTML 8Page - Analog Devices AD7390 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. A
AD7390/AD7391
–5–
DAC REGISTER LOAD
CLK
CLR
LD
CLK
SDI
AD7391
AD7390
t
LD1
D11
t
LD1
D10
D9
D7
D5
D4
D3
D2
D1
D0
t
LD2
t
DS
t
DH
t
CL
t
CH
t
LDW
t
S
t
CLRW
t
S
0.1% FS
ERROR BAND
SDI
LD
FS
ZS
VOUT
Figure 4. Timing Diagram
Table I. Control-Logic Truth Table
CLK
CLR
LD
Serial Shift Register Function
DAC Register Function
H
H
Shift-Register-Data Advanced One-Bit
Latched
X
H
L
Disables
Updated with Current Shift Register Contents
X
L
X
No Effect
Loaded with all Zeros
X
H
No Effect
Latched with all Zeros
X
L
Disabled
Previous SR Contents Loaded (Avoid usage of
CLR
when
LD is logic low, since SR data could be corrupted
if a clock edge takes place, while
CLR returns high.)
↑ = Positive logic transition.
X = Don’t care.
Table II. AD7390 Serial Input Register Data Format, Data is Loaded in the MSB-First Format
MSB
LSB
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
AD7390
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table III. AD7391 Serial Input Register Data Format, Data is Loaded in the MSB-First Format
MSB
LSB
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
AD7391
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0


Similar Part No. - AD7390

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7390 AD-AD7390 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390AN AD-AD7390AN Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7390AN AD-AD7390AN Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390AR AD-AD7390AR Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
More results

Similar Description - AD7390

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7392 AD-AD7392 Datasheet
199Kb / 11P
   3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV. A
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392AR-REEL AD-AD7392AR-REEL Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7394 AD-AD7394 Datasheet
304Kb / 12P
   3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com