Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4314AIPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4314AIPWR
Description  3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4314AIPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA4314AIPWR Datasheet HTML 3Page - Texas Instruments OPA4314AIPWR Datasheet HTML 4Page - Texas Instruments OPA4314AIPWR Datasheet HTML 5Page - Texas Instruments OPA4314AIPWR Datasheet HTML 6Page - Texas Instruments OPA4314AIPWR Datasheet HTML 7Page - Texas Instruments OPA4314AIPWR Datasheet HTML 8Page - Texas Instruments OPA4314AIPWR Datasheet HTML 9Page - Texas Instruments OPA4314AIPWR Datasheet HTML 10Page - Texas Instruments OPA4314AIPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
OPA314
OPA2314
OPA4314
www.ti.com
SBOS563F – MAY 2011 – REVISED AUGUST 2013
TYPICAL CHARACTERISTICS
Table 1. Characteristic Performance Measurements
TITLE
FIGURE
Open-Loop Gain and Phase vs Frequency
Figure 1
Open-Loop Gain vs Temperature
Figure 2
Quiescent Current vs Supply Voltage
Figure 3
Quiescent Current vs Temperature
Figure 4
Offset Voltage Production Distribution
Figure 5
Offset Voltage Drift Distribution
Figure 6
Offset Voltage vs Common-Mode Voltage (Maximum Supply)
Figure 7
Offset Voltage vs Temperature
Figure 8
CMRR and PSRR vs Frequency (RTI)
Figure 9
CMRR and PSRR vs Temperature
Figure 10
0.1-Hz to 10-Hz Input Voltage Noise (5.5 V)
Figure 11
Input Voltage Noise Spectral Density vs Frequency (1.8 V, 5.5 V)
Figure 12
Input Voltage Noise vs Common-Mode Voltage (5.5 V)
Figure 13
Input Bias and Offset Current vs Temperature
Figure 14
Open-Loop Output Impedance vs Frequency
Figure 15
Maximum Output Voltage vs Frequency and Supply Voltage
Figure 16
Output Voltage Swing vs Output Current (over Temperature)
Figure 17
Closed-Loop Gain vs Frequency, G = 1, –1, 10 (1.8 V)
Figure 18
Closed-Loop Gain vs Frequency, G = 1, –1, 10 (5.5 V)
Figure 19
Small-Signal Overshoot vs Load Capacitance
Figure 20
Small-Signal Step Response, Noninverting (1.8 V)
Figure 21
Small-Signal Step Response, Noninverting ( 5.5 V)
Figure 22
Large-Signal Step Response, Noninverting (1.8 V)
Figure 23
Large-Signal Step Response, Noninverting ( 5.5 V)
Figure 24
Positive Overload Recovery
Figure 25
Negative Overload Recovery
Figure 26
No Phase Reversal
Figure 27
Channel Separation vs Frequency (Dual)
Figure 28
THD+N vs Amplitude (G = +1, 2 k
Ω, 10 kΩ)
Figure 29
THD+N vs Amplitude (G = –1, 2 k
Ω, 10 kΩ)
Figure 30
THD+N vs Frequency (0.5 VRMS, G = +1, 2 kΩ, 10 kΩ)
Figure 31
EMIRR
Figure 32
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA314 OPA2314 OPA4314


Similar Part No. - OPA4314AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 45P
[Old version datasheet]   Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
More results

Similar Description - OPA4314AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI-OPA2314-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA313 TI-OPA313 Datasheet
2Mb / 36P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com