Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222236825223 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 222236825223
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222236825223 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 222236825223 Datasheet HTML 2Page - Vishay Siliconix 222236825223 Datasheet HTML 3Page - Vishay Siliconix 222236825223 Datasheet HTML 4Page - Vishay Siliconix 222236825223 Datasheet HTML 5Page - Vishay Siliconix 222236825223 Datasheet HTML 6Page - Vishay Siliconix 222236825223 Datasheet HTML 7Page - Vishay Siliconix 222236825223 Datasheet HTML 8Page - Vishay Siliconix 222236825223 Datasheet HTML 9Page - Vishay Siliconix 222236825223 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 28132
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
7
MKT 368
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
Vishay BCcomponents
Pitch
= 27.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
lock lead
0.27
10.0
× 23.0 (25.0) × 30.0
5.5
65274
500
500
90312
400
0.33
11.5
× 24.5 (26.5) × 30.0
6.5
65334
500
250
90313
350
0.39
12.5
× 25.5 (28.5) × 30.0
7.1
65394
500
250
90314
300
0.47
14.0
× 27.0 (30.0) × 30.0
8.2
65474
250
250
90315
250
C
(µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 368 ..... AND PACKAGING
LOOSE IN BOX
REEL
LOOSE IN BOX
lt =
4.0
+ 1.0/− 0.5 mm
short leads
long leads
lt =
4.0
+ 1.0/− 0.5 mm
C-tol
=± 10 %
C-tol
=± 10 %
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ
CAPACITANCE
f (Hz)
10
2
10
3
10
4
10
5
2
0
-1
-2
-3
1
typical
1 kHz
-60
6
2
0
-2
-4
-6
4
-20
20
60
100
Tamb (
°C)
min.
max.
IMPEDANCE
63
V; 1
µF
10
3
10
1
10
-2
10
0
f (Hz)
10
5
10
3
10
4
10
6
10
7
10
-1


Similar Part No. - 222236825223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2222369100XX2 VISHAY-2222369100XX2 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
2222369100XX3 VISHAY-2222369100XX3 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
2222369100XX4 VISHAY-2222369100XX4 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
2222369100XX5 VISHAY-2222369100XX5 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
2222369250XX2 VISHAY-2222369250XX2 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
More results

Similar Description - 222236825223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT469 VISHAY-MKT469 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
MKT368 VISHAY-MKT368 Datasheet
166Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10-Sep-03
MKT468 VISHAY-MKT468 Datasheet
360Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366 Datasheet
295Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT365 VISHAY-MKT365 Datasheet
86Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 09-Nov-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com