Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222236825224 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 222236825224
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222236825224 Datasheet(HTML) 2 Page - Vishay Siliconix

  222236825224 Datasheet HTML 1Page - Vishay Siliconix 222236825224 Datasheet HTML 2Page - Vishay Siliconix 222236825224 Datasheet HTML 3Page - Vishay Siliconix 222236825224 Datasheet HTML 4Page - Vishay Siliconix 222236825224 Datasheet HTML 5Page - Vishay Siliconix 222236825224 Datasheet HTML 6Page - Vishay Siliconix 222236825224 Datasheet HTML 7Page - Vishay Siliconix 222236825224 Datasheet HTML 8Page - Vishay Siliconix 222236825224 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28132
2
Revision: 21-Nov-05
MKT 368
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
COMPOSITION OF CATALOG NUMBER
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
≤ 0.1 µF
≤ 75 × 10−4
≤ 130 × 10−4
≤ 225 × 10−4
0.1 µF
< C ≤ 0.47 µF
≤ 75 × 10−4
≤ 130 × 10−4
≤ 300 × 10−4
0.47 µF
< C ≤ 1.0 µF
≤ 75 × 10−4
≤ 130 × 10−4
Rated voltage pulse slope (dU/dt)R
at 63 V (DC)
at 100 V (DC)
at 250 V (DC)
at 400 V (DC)
at 630 V (DC)
P
= 10 mm
30 V/µs
30 V/µs
70 V/µs
110 V/µs
70 V/µs
P
= 15 mm
20 V/µs
28 V/µs
44 V/µs
70 V/µs
P
= 22.5 mm
8 V/µs
12 V/µs
20 V/µs
28 V/µs
P
= 27.5 mm
7 V/µs
10 V/µs
16 V/µs
24 V/µs
R between leads, for C
≤ 0.33 µF:
at 10 V; 1 minute
> 15000 MΩ
at 100 V; 1 minute
> 15000 MΩ> 30000 MΩ> 30000 MΩ
at 500 V; 1 minute
> 30000 MΩ
RC between leads, for C
> 0.33 µF:
at 10 V; 1 minute
> 5000 s
at 100 V; 1 minute
> 5000 s
> 10000 s
> 10000 s
at 500 V; 1 minute
> 10000 s
R between interconnecting leads and casing;
at 10 V; 1 minute
> 30000 MΩ
at 100 V; 1 minute
> 30000 MΩ> 30000 MΩ> 30000 MΩ
at 500 V; 1 minute
> 30000 MΩ
Withstanding (DC) voltage (cut off current 10 mA);
rise time 100 V/s
100 V; 1 minute
160 V; 1 minute
400 V; 1 minute
640 V; 1 minute 1008 V; 1 minute
Withstanding (DC) voltage between leads and case 200 V; 1 minute
200 V; 1 minute
500 V; 1 minute
800 V; 1 minute 1260 V; 1 minute
2222
368
XX XX X
BFC2* 368
XX XX X
TYPE
PACKAGING
LEAD CONFIGURATION
ON REQUEST
C-TOL
63 V
100 V
250 V
400 V
630 V
368
loose in box
lead length 4.0
+ 1.0/− 0.5 mm
± 10 %
1525455565
± 5 %
1626465666
lead length 4.0
+ 1.0/− 0.5 mm (lock lead)
± 10 %
-
90
90
90
90
dimensions of this code numbers stays between brackets
lead length 3.5
± 0.5 mm
± 10 %
1323435363
± 5 %
1727475767
long leads:
19.0
± 4.0 mm for lead pitch = 15.0 mm
25.0
± 4.0 mm for lead pitch = 22.5 mm
24.0
± 4.0 mm for lead pitch = 27.5 mm
± 10 %
1121415161
± 5 %
1222425262
taped on reel
H
= 16.0 mm; P
0 = 12.7 mm;
reel diameter = 500 mm
± 10 %
1828485868
± 5 %
1929495969
TYPE AND PITCHES
368
10.0 mm
15.0 mm
22.5 mm
27.5 mm
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically)
Example:
104
= 10 x 10 = 100 nF
* Use this partnumber for those with access to
the Vishay’s SAP system and Partners web-
site within the Americas


Similar Part No. - 222236825224

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2222369100XX2 VISHAY-2222369100XX2 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
2222369100XX3 VISHAY-2222369100XX3 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
2222369100XX4 VISHAY-2222369100XX4 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
2222369100XX5 VISHAY-2222369100XX5 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
2222369250XX2 VISHAY-2222369250XX2 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
More results

Similar Description - 222236825224

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT469 VISHAY-MKT469 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
MKT368 VISHAY-MKT368 Datasheet
166Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10-Sep-03
MKT468 VISHAY-MKT468 Datasheet
360Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366 Datasheet
295Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT365 VISHAY-MKT365 Datasheet
86Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 09-Nov-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com