Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75372DRE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75372DRE4
Description  DUAL MOSFET DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75372DRE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN75372DRE4 Datasheet HTML 1Page - Texas Instruments SN75372DRE4 Datasheet HTML 2Page - Texas Instruments SN75372DRE4 Datasheet HTML 3Page - Texas Instruments SN75372DRE4 Datasheet HTML 4Page - Texas Instruments SN75372DRE4 Datasheet HTML 5Page - Texas Instruments SN75372DRE4 Datasheet HTML 6Page - Texas Instruments SN75372DRE4 Datasheet HTML 7Page - Texas Instruments SN75372DRE4 Datasheet HTML 8Page - Texas Instruments SN75372DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SN75372
DUAL MOSFET DRIVER
SLLS025A − JULY 1986
3−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of VCC1, VCC2, and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = − 12 mA
− 1.5
V
VOH
High-level output voltage
VIL = 0.8 V,
IOH = − 50 µA
VCC2 −1.3 VCC2 −0.8
V
VOH
High-level output voltage
VIL = 0.8 V,
IOH = − 10 mA
VCC2 −2.5 VCC2 −1.8
V
VIH = 2 V,
IOL = 10 mA
0.15
0.3
VOL
Low-level output voltage
VCC2 = 15 V to 24 V,
IOL = 40 mA
VIH = 2 V,
0.25
0.5
V
VF
Output clamp-diode forward voltage
VI = 0,
IF = 20 mA
1.5
V
VF
Output clamp-diode forward voltage
VI = 0,
IF = 20 mA
1.5
V
II
Input current at maximum input
VI = 5.5 V
1
mA
II
Input current at maximum input
voltage
VI = 5.5 V
1mA
IIH
High-level input current
Any A
VI = 2.4 V
40
A
IIH
High-level input current
Any E
VI = 2.4 V
80
µA
IIL
Low-level input current
Any A
VI = 0.4 V
−1
− 1.6
mA
IIL
Low-level input current
Any E
VI = 0.4 V
−2
− 3.2
mA
ICC1(H)
Supply current from VCC1, both
outputs high
VCC1 = 5.25 V,
VCC2 = 24 V,
2
4
mA
ICC2(H)
Supply current from VCC2, both
outputs high
VCC1 = 5.25 V,
All inputs at 0 V,
VCC2 = 24 V,
No load
0.5
mA
ICC1(L)
Supply current from VCC1, both
outputs low
VCC1 = 5.25 V,
VCC2 = 24 V,
16
24
mA
ICC2(L)
Supply current from VCC2, both
outputs low
VCC1 = 5.25 V,
All inputs at 5 V,
VCC2 = 24 V,
No load
7
13
mA
ICC2(S)
Supply current from VCC2, standby
condition
VCC1 = 0,
All inputs at 5 V,
VCC2 = 24 V,
No load
0.5
mA
† All typical values are at VCC1 = 5 V, VCC2 = 20 V, and TA = 25°C.
switching characteristics, VCC1 = 5 V, VCC2 = 20 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDLH
Delay time, low-to-high-level output
20
35
ns
tDHL
Delay time, high-to-low-level output
10
20
ns
tTLH
Transition time, low-to-high-level output
CL = 390 pF,
RD = 10 Ω,
See Figure 1
20
30
ns
tTHL
Transition time, high-to-low-level output
CL = 390 pF,
RD = 10 Ω,
See Figure 1
20
30
ns
tPLH
Propagation delay time, low-to-high-level output
10
40
65
ns
tPHL
Propagation delay time, high-to-low-level output
10
30
50
ns


Similar Part No. - SN75372DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75372DR TI-SN75372DR Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
More results

Similar Description - SN75372DRE4

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
   Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
SN75372 TI-SN75372 Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
   Dual MOSFET Driver
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
   Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Analog Devices
ADP3416 AD-ADP3416 Datasheet
140Kb / 8P
   Dual Bootstrapped MOSFET Driver
REV. A
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
   Dual Power MOSFET Driver
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667_06 Datasheet
195Kb / 8P
   Dual Power MOSFET Driver
logo
Semikron International
SKHI21A SEMIKRON-SKHI21A Datasheet
40Kb / 1P
   Hybrid Dual MOSFET Driver
SKHI21A SEMIKRON-SKHI21A_06 Datasheet
39Kb / 1P
   Hybrid Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com