Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC01000401JAC00 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AC01000401JAC00
Description  Cemented Wirewound Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AC01000401JAC00 Datasheet(HTML) 1 Page - Vishay Siliconix

  AC01000401JAC00 Datasheet HTML 1Page - Vishay Siliconix AC01000401JAC00 Datasheet HTML 2Page - Vishay Siliconix AC01000401JAC00 Datasheet HTML 3Page - Vishay Siliconix AC01000401JAC00 Datasheet HTML 4Page - Vishay Siliconix AC01000401JAC00 Datasheet HTML 5Page - Vishay Siliconix AC01000401JAC00 Datasheet HTML 6Page - Vishay Siliconix AC01000401JAC00 Datasheet HTML 7Page - Vishay Siliconix AC01000401JAC00 Datasheet HTML 8Page - Vishay Siliconix AC01000401JAC00 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AC.. Series
www.vishay.com
Vishay Draloric
Revision: 10-Jun-13
1
Document Number: 28730
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Cemented Wirewound Resistors
FEATURES
• All welded construction
• Ceramic core
• Non-flammable cement coating
• Tinned copper-clad iron leads
(for axial parts)
• High power dissipation in small volume
• Ideal for pulse application
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Notes
(1)
Resistance value to be selected for ± 5 % from E24
(2)
AC03 WSZ: P40 °C = 1.8 W; P70 °C = 1.5 W
Notes
(3) Special winding on request
(4) Other dimensions and variants on request
(5) See “Part Number and Product Description”
(6) See “Packaging Table”
(7) Resistance range on request
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
POWER
RATING
P40 °C
W
POWER
RATING
P70 °C
W
LIMITING
VOLTAGE
Umax.
RESISTANCE RANGE (1)
TCR =
- 10 ppm/K to - 80 ppm/K
RESISTANCE RANGE (1)
TCR =
100 ppm/K to 180 ppm/K
RESISTANCE RANGE (1)
TCR= ± 100 ppm/K
TOLERANCE
± %
AC01
1
0.9
0.10 to 33
36 to 2.4K
n/a
5
AC03 (2)
3
2.5
0.10 to 390
430 to 3.3K
3.6K to 5.1K
5
AC04
4
3.5
0.10 to 620
680 to 6.8K
n/a
5
AC05
5
4.7
0.10 to 910
1K to 10K
n/a
5
AC07
7
5.8
0.10 to 1.5K
1.6K to 15K
n/a
5
AC10
10
8.4
0.22 to 560
620 to 27K
n/a
5
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: AC03000001509JAC00
MODEL
VARIANT
TCR/MATERIAL
VALUE
TOLERANCE
CODE
PACKAGING
CODE
SPECIAL
AC01000 = AC01
AC03000 = AC03
AC04000 = AC04
AC05000 = AC05
AC07000 = AC07
AC10000 = AC10
0 = Neutral
1 = RT
2 = SWI =
Special winding (3)
3 = DK SP 20 mm (4)
4 = DK LP 33 mm (4)
5 = DK LP 17.8 mm (4)
6 = NI = Non inductive (7)
7 = DK LP 25.4 mm (4)
9 = WSZ 6720
8 = DK SP 25.4 mm
Z = Value overflow
(Special)
C = E/K 25.4 mm (4)
0 = Standard
3 digit value
1 digit
multiplier
MULTIPLIER
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
5 = 10-4
J = ± 5.0 %
(See
Packaging
table)
The 5 digit BV number will be
encoded using a 36 character
code. This code contains
numbers 0...9 and letters
A...Z
(36 characters total) and
allows to encode at least 46
655 five digit BV numbers.
00 = Standard
Product Description: AC03 15R 5 % AC
AC03
15R
5 %
AC
MODEL (5)
VALUE (5)
TOLERANCE CODE (5)
PACKAGING
DESCRIPTION (6)
P x R
P x R
P x R
P x R
P x R
P x R
3000
015
0
C0
9J
A
0
0
A
0
C


Similar Part No. - AC01000401JAC00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AC01000401JAC00 VISHAY-AC01000401JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
More results

Similar Description - AC01000401JAC00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AC05000002009JAC00 VISHAY-AC05000002009JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
logo
NXP Semiconductors
AC01 PHILIPS-AC01 Datasheet
398Kb / 24P
   Cemented wirewound resistors
2000 Oct 20
logo
Vishay Siliconix
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC01000002407JA100 VISHAY-AC01000002407JA100 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC03000001009JAC00 VISHAY-AC03000001009JAC00 Datasheet
152Kb / 9P
   Cemented Wirewound Resistors
Revision: 13-Jan-14
ACSERIES VISHAY-ACSERIES Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
PAC500001008FAC000 VISHAY-PAC500001008FAC000 Datasheet
141Kb / 8P
   Cemented Wirewound Precision Resistors
Revision: 06-Oct-11
AC-AT VISHAY-AC-AT_V01 Datasheet
251Kb / 12P
   Cemented Leaded Wirewound Resistors
01-Jan-2022
AC-AT VISHAY-AC-AT Datasheet
204Kb / 12P
   Cemented Leaded Wirewound Resistors
Revision: 14-Mar-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com