Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4047BM96G4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD4047BM96G4
Description  CMOS Low-Power Monostable/Astable Multivibrator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4047BM96G4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD4047BM96G4 Datasheet HTML 5Page - Texas Instruments CD4047BM96G4 Datasheet HTML 6Page - Texas Instruments CD4047BM96G4 Datasheet HTML 7Page - Texas Instruments CD4047BM96G4 Datasheet HTML 8Page - Texas Instruments CD4047BM96G4 Datasheet HTML 9Page - Texas Instruments CD4047BM96G4 Datasheet HTML 10Page - Texas Instruments CD4047BM96G4 Datasheet HTML 11Page - Texas Instruments CD4047BM96G4 Datasheet HTML 12Page - Texas Instruments CD4047BM96G4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
25-Sep-2013
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD4047BNSRG4
ACTIVE
SO
NS
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4047B
CD4047BPW
ACTIVE
TSSOP
PW
14
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM047B
CD4047BPWE4
ACTIVE
TSSOP
PW
14
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM047B
CD4047BPWG4
ACTIVE
TSSOP
PW
14
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM047B
CD4047BPWR
ACTIVE
TSSOP
PW
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM047B
CD4047BPWRE4
ACTIVE
TSSOP
PW
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM047B
CD4047BPWRG4
ACTIVE
TSSOP
PW
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM047B
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.


Similar Part No. - CD4047BM96G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4047BM96G4 TI1-CD4047BM96G4 Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Low-Power Monostable/Astable Multivibrator
More results

Similar Description - CD4047BM96G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4047B TI-CD4047B Datasheet
508Kb / 15P
[Old version datasheet]   CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Intersil Corporation
CD4047BMS INTERSIL-CD4047BMS Datasheet
127Kb / 15P
   CMOS Low-Power Monostable/Astable Multivibrator
December 1992
logo
Texas Instruments
CD4047B TI1-CD4047B_15 Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Low-Power Monostable/Astable Multivibrator
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC_02 Datasheet
94Kb / 9P
   Low Power Monostable/Astable Multivibrator
logo
National Semiconductor ...
CD4047BC NSC-CD4047BC Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
logo
STMicroelectronics
HCF4047B STMICROELECTRONICS-HCF4047B Datasheet
799Kb / 12P
   LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Micro Electronics
MMC4047 MICRO-ELECTRONICS-MMC4047 Datasheet
240Kb / 6P
   LOW POWER MONOSTABLE ASTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC Datasheet
85Kb / 9P
   Low Power Monostable/Astable Multivibrator
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com