Electronic Components Datasheet Search |
|
AD9245BCP-65EB Datasheet(PDF) 11 Page - Analog Devices |
|
AD9245BCP-65EB Datasheet(HTML) 11 Page - Analog Devices |
11 / 28 page HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC Rev. 0 | Page 11 of 28 JUMPERS Use the legends in Table 3 and Table 4 to configure the jumpers. On the FIFO evaluation board, Channel A is associated with the bottom IDT FIFO chip, and Channel B is associated with the top IDT FIFO chip (closest to the Analog Devices logo). Table 3. Jumper Legend Position Description In Jumper in place (2-pin header). Out Jumper removed (2-pin header). Position 1 or Position 3 Denotes the position of a 3-pin header. Position 1 is marked on the board. Table 4. Solder Jumper Legend Position Description In Solder pads should be connected with 0 Ω resistor. Out Solder pads should not be connected with 0 Ω resistor. DEFAULT SETTINGS Table 5 lists the default settings for each model of the FIFO evaluation kit. The single channel (SC) model is configured to work with a single channel ADC using the bottom FIFO, U201. The dual channel (DC) model is configured to work with demultiplexed ADCs (such as the AD9430). Dual channel ADC settings are shown in a separate column, as are settings for the opposite (top) FIFO, U101 for a single channel ADC. To align the timing properly, some evaluation boards require modifications to these settings. Refer to the Clocking Description section in the Theory of Operation section for more information. Another useful way to configure the jumper settings easily for various configurations is to consult ADC Analyzer under Help > About HSC_ADC_EVALB , and click Set Up Default Jumper Wizard. Then click the configuration setting that applies to the application of interest. A picture of the FIFO board is displayed for that application with a visual of the correct jumper settings already in place. Table 5. Jumper Configurations Jumper # Single Channel Settings, Default (Bottom) Demultiplexed Settings Dual-Channel Settings Single-Channel Settings (Top)1 Description J303 In Out Out In Position 2 to Position 4, ties write clocks together J304 In In In In Position 1 to Position 2, POS3: invert clock out of DS90 (U301) J305 In In In In Position 2 to Position 3, POS3: invert clock out of DS90 (U301) J306 Out Out Out Out No invert to encode clock from XOR (U302), 0 Ω resistor J307 Out Out Out Out No invert to encode clock from XOR (U302), 0 Ω resistor J310 to J313 In In In In All solder jumpers are shorted with 0 Ω resistors (bypass level shifting to input of DS90) J314 In In In In Position 1 to Position 2, one XOR gate timing delay for top FIFO (U101) J315 In In In In Position 1 to Position 2, one XOR gate timing delay for bottom FIFO (U201) J316 In In In In Power connected using switching power supply J401 In In In In Controls if top FIFO (U101) gets write enable before or after bottom FIFO, 0 Ω resistor J402 Out Out Out Out Controls if top FIFO (U101) gets write enable before or after bottom FIFO, 0 Ω resistor J403 Out Out Out Out Controls if bottom FIFO (U201) gets a write enable before or after the top FIFO, 0 Ω resistor J404 In In In In Controls if bottom FIFO (U201) gets a write enable before or after the top FIFO, 0 Ω resistor J405 Out In Out Out When in, WRT_CLK1 is used to create write enable signal for FIFOs, 0 Ω resistor (significant only for interleave mode) |
Similar Part No. - AD9245BCP-65EB |
|
Similar Description - AD9245BCP-65EB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |