Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C43 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZX55C43
Description  Small Signal Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX55C43 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZX55C43 Datasheet HTML 1Page - Vishay Siliconix BZX55C43 Datasheet HTML 2Page - Vishay Siliconix BZX55C43 Datasheet HTML 3Page - Vishay Siliconix BZX55C43 Datasheet HTML 4Page - Vishay Siliconix BZX55C43 Datasheet HTML 5Page - Vishay Siliconix BZX55C43 Datasheet HTML 6Page - Vishay Siliconix BZX55C43 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BZX55-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 25-Nov-11
3
Document Number: 85604
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
TKVZ
Tamb =
25 °C
Tamb =
150 °C
f = 1 kHz
V
mA
μA
V
%/K
MIN.
NOM.
MAX.
MAX.
MAX.
MIN.
MAX.
BZX55B2V4
2.35
2.4
2.45
5
1
< 50
< 100
1
< 85
< 600
- 0.09
- 0.06
BZX55B2V7
2.64
2.7
2.76
5
1
< 10
< 50
1
< 85
< 600
- 0.09
- 0.06
BZX55B3V0
2.94
3.0
3.06
5
1
< 4
< 40
1
< 90
< 600
- 0.08
- 0.05
BZX55B3V3
3.24
3.3
3.36
5
1
< 2
< 40
1
< 90
< 600
- 0.08
- 0.05
BZX55B3V6
3.52
3.6
3.68
5
1
< 2
< 40
1
< 90
< 600
- 0.08
- 0.05
BZX55B3V9
3.82
3.9
3.98
5
1
< 2
< 40
1
< 90
< 600
- 0.08
- 0.05
BZX55B4V3
4.22
4.3
4.38
5
1
< 1
< 20
1
< 90
< 600
- 0.06
- 0.03
BZX55B4V7
4.6
4.7
4.8
5
1
< 0.5
< 10
1
< 80
< 600
- 0.05
0.02
BZX55B5V1
5
5.1
5.2
5
1
< 0.1
< 2
1
< 60
< 550
- 0.02
0.02
BZX55B5V6
5.48
5.6
5.72
5
1
< 0.1
< 2
1
< 40
< 450
- 0.05
0.05
BZX55B6V2
6.08
6.2
6.32
5
1
< 0.1
< 2
2
< 10
< 200
0.03
0.06
BZX55B6V8
6.66
6.8
6.94
5
1
< 0.1
< 2
3
< 8
< 150
0.03
0.07
BZX55B7V5
7.35
7.5
7.65
5
1
< 0.1
< 2
5
< 7
< 50
0.03
0.07
BZX55B8V2
8.04
8.2
8.36
5
1
< 0.1
< 2
6.2
< 7
< 50
0.03
0.08
BZX55B9V1
8.92
9.1
9.28
5
1
< 0.1
< 2
6.8
< 10
< 50
0.03
0.09
BZX55B10
9.8
10
10.2
5
1
< 0.1
< 2
7.5
< 15
< 70
0.03
0.1
BZX55B11
10.78
11
11.22
5
1
< 0.1
< 2
8.2
< 20
< 70
0.03
0.11
BZX55B12
11.76
12
12.24
5
1
< 0.1
< 2
9.1
< 20
< 90
0.03
0.11
BZX55B13
12.74
13
13.26
5
1
< 0.1
< 2
10
< 26
< 110
0.03
0.11
BZX55B15
14.7
15
15.3
5
1
< 0.1
< 2
11
< 30
< 110
0.03
0.11
BZX55B16
15.7
16
16.3
5
1
< 0.1
< 2
12
< 40
< 170
0.03
0.11
BZX55B18
17.64
18
18.36
5
1
< 0.1
< 2
13
< 50
< 170
0.03
0.11
BZX55B20
19.6
20
20.4
5
1
< 0.1
< 2
15
< 55
< 220
0.03
0.11
BZX55B22
21.55
22
22.45
5
1
< 0.1
< 2
16
< 55
< 220
0.04
0.12
BZX55B24
23.5
24
24.5
5
1
< 0.1
< 2
18
< 80
< 220
0.04
0.12
BZX55B27
26.4
27
27.6
5
1
< 0.1
< 2
20
< 80
< 220
0.04
0.12
BZX55B30
29.4
30
30.6
5
1
< 0.1
< 2
22
< 80
< 220
0.04
0.12
BZX55B33
32.4
33
33.6
5
1
< 0.1
< 2
24
< 80
< 220
0.04
0.12
BZX55B36
35.3
36
36.7
5
1
< 0.1
< 2
27
< 80
< 220
0.04
0.12
BZX55B39
38.2
39
39.8
2.5
0.5
< 0.1
< 5
30
< 90
< 500
0.04
0.12
BZX55B43
42.1
43
43.9
2.5
0.5
< 0.1
< 5
33
< 90
< 600
0.04
0.12
BZX55B47
46.1
47
47.9
2.5
0.5
< 0.1
< 5
36
< 110
< 700
0.04
0.12
BZX55B51
50
51
52
2.5
0.5
< 0.1
< 10
39
< 125
< 700
0.04
0.12
BZX55B56
54.9
56
57.1
2.5
0.5
< 0.1
< 10
43
< 135
< 1000
0.04
0.12
BZX55B62
60.8
62
63.2
2.5
0.5
< 0.1
< 10
47
< 150
< 1000
0.04
0.12
BZX55B68
66.6
68
69.4
2.5
0.5
< 0.1
< 10
51
< 200
< 1000
0.04
0.12
BZX55B75
73
75
76.5
2.5
0.5
< 0.1
< 10
56
< 250
< 1500
0.04
0.12


Similar Part No. - BZX55C43

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX55C43 TSC-BZX55C43 Datasheet
170Kb / 4P
   Hermatically Sealed Glass Zener
logo
Vishay Siliconix
BZX55C43 VISHAY-BZX55C43 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Rectron Semiconductor
BZX55C43 RECTRON-BZX55C43 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Micro Commercial Compon...
BZX55C43 MCC-BZX55C43 Datasheet
207Kb / 4P
   500 mWatt Zener Diode 2.0V to 100 Volts
logo
Gaomi Xinghe Electronic...
BZX55C43 GXELECTRONICS-BZX55C43 Datasheet
102Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - BZX55C43

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com