Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC536DBG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDC536DBG4
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC536DBG4 Datasheet(HTML) 5 Page - Texas Instruments

  CDC536DBG4 Datasheet HTML 1Page - Texas Instruments CDC536DBG4 Datasheet HTML 2Page - Texas Instruments CDC536DBG4 Datasheet HTML 3Page - Texas Instruments CDC536DBG4 Datasheet HTML 4Page - Texas Instruments CDC536DBG4 Datasheet HTML 5Page - Texas Instruments CDC536DBG4 Datasheet HTML 6Page - Texas Instruments CDC536DBG4 Datasheet HTML 7Page - Texas Instruments CDC536DBG4 Datasheet HTML 8Page - Texas Instruments CDC536DBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS (SEE
(1))
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
CDC536
SCAS378G – APRIL 1994 – REVISED JULY 2004
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
5.5
V
IOH
High-level output current
32
mA
IOL
Low-level output current
32
mA
TA
Operating free-air temperature
0
70
°C
(1)
Unused inputs must be held high or low.
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
MAX
VIK
VCC = 3 V,
II = -18 mA
1.2
V
VCC = MIN to MAX
(1),
IOH = -100 µA
VCC-0.2
VOH
V
VCC = 3 V,
IOH = -32 mA
2
VCC = 3 V,
IOL = 100 µA
0.2
VOL
V
VCC = 3 V,
IOL = 32 mA
0.5
VCC = 0 or MAX
(1),
VI = 3.6 V
±10
II
µA
VCC = 3.6 V,
VI = VCC or GND
±1
IOZH
VCC = 3.6 V,
VO = 3 V
10
µA
IOZL
VCC = 3.6 V,
VO = 0
10
µA
Outputs high
2
ICC
VCC = 3.6 V, IO = 0, VI = VCC or GND
Outputs low
2
mA
Outputs disabled
2
Ci
VI = VCC or GND
6
pF
Co
VO = VCC or GND
9
pF
(1)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
over recommended ranges of supply voltage and operating free-air temperature
MIN
MAX
UNIT
When VCO is operating at four times the CLKIN frequency
25
50
fclock
Clock frequency
MHz
When VCO is operating at double the CLKIN frequency
50
100
Input clock duty cycle
40%
60%
After SEL
50
After OE
50
Stabilization time(1)
µs
After power up
50
After CLKIN
50
(1)
Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. In order for phase lock to
be obtained, a fixed-frequency, fixed-phase reference signal must be present at CLKIN. Until phase lock is obtained, the specifications
for propagation delay and skew parameters given in the switching characteristics table are not applicable.
5


Similar Part No. - CDC536DBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC536DB TI-CDC536DB Datasheet
170Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CDC536DBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC536 TI-CDC536 Datasheet
170Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2536 TI-CDC2536 Datasheet
143Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC586 TI-CDC586 Datasheet
166Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2586 TI-CDC2586 Datasheet
165Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
SN54CDC586 TI1-SN54CDC586_07 Datasheet
152Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
SN54CDC586 TI-SN54CDC586 Datasheet
150Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com