Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF25084PWRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF25084PWRG4
Description  3.3-V 1:8 ZERO DELAY (PLL) x4 CLOCK MULTIPLIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF25084PWRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCVF25084PWRG4 Datasheet HTML 4Page - Texas Instruments CDCVF25084PWRG4 Datasheet HTML 5Page - Texas Instruments CDCVF25084PWRG4 Datasheet HTML 6Page - Texas Instruments CDCVF25084PWRG4 Datasheet HTML 7Page - Texas Instruments CDCVF25084PWRG4 Datasheet HTML 8Page - Texas Instruments CDCVF25084PWRG4 Datasheet HTML 9Page - Texas Instruments CDCVF25084PWRG4 Datasheet HTML 10Page - Texas Instruments CDCVF25084PWRG4 Datasheet HTML 11Page - Texas Instruments CDCVF25084PWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CDCVF25084
3.3-V 1:8 ZERO DELAY (PLL) x4 CLOCK MULTIPLIER
SCAS690A – APRIL 2003 – REVISED MAY 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
80%
Any Y
50% VDD
20%
tf
VOL
VOH
tr
CLKIN
tPHL
50% VDD
tPLH
80%
50% VDD
20%
VOH
VOL
NOTE: tsk(p)=|tPLH–tPHL|
Figure 4. Propagation Delay and Pulse Skew (Non-PLL Mode)
Figure 5
–1300
–1200
–1100
–1000
–900
–800
–700
–600
–500
–400
–300
–200
–100
0
100
200
300
400
500
–10 –5
0
5 10 1520 2530
3540 45
50
PHASE DISPLACEMENT
vs
CLOAD
Cload Difference Between FBIN and Yn Pins – pF
VCC = 3.3 V,
CYn = 15 pF
(CFBIN + 4 pF) – CYn
Figure 6
–50
0
50
100
150
200
250
10
30
50
70
90
110
130
150
170
f – Output Frequency – MHz
PHASE OFFSET
vs
FREQUENCY
CL(Yn) = 15 pF,
CL(FBIN) = 11 pF


Similar Part No. - CDCVF25084PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF25084 TI-CDCVF25084 Datasheet
169Kb / 12P
[Old version datasheet]   3.3-V 1:8 ZERO DELAY (PLL) x4 CLOCK MULTIPLIER
More results

Similar Description - CDCVF25084PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF25084 TI-CDCVF25084 Datasheet
169Kb / 12P
[Old version datasheet]   3.3-V 1:8 ZERO DELAY (PLL) x4 CLOCK MULTIPLIER
logo
Renesas Technology Corp
2308B RENESAS-2308B Datasheet
891Kb / 18P
   3.3 VOLT ZERO DELAY CLOCK MULTIPLIER
MAY 21, 2021
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
   Zero Delay Clock Multiplier
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2309A ONSEMI-NB2309A Datasheet
140Kb / 9P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 4
NB2304A ONSEMI-NB2304A Datasheet
125Kb / 10P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com