Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q2-HF Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # Q2-HF
Description  HEAT SHRINK THIN WALL TUBING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

Q2-HF Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  Q2-HF Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.Qualtekusa.com
Q2-HF
LOW SMOKE, HALOGEN FREE,
FLAME RETARDANT, HEAT SHRINKABLE TUBING
SHRINK RATIO 2:1
Features/Applications
As a kind of totally environmental friendly heat-shrinkable tube, it is made with specially
when burning, which meets the growing demand of environmental protection all over
properties and thus is widely used in electronics, communication and the auto industry.
Notes:
1.
* See page 13 - Part Number Guide for standard packaging codes.
2.
Cross Refernce Guide located on page 3.
3.
Special sizes, packaging, colors and cut pieces are available upon request.
Operating temperature: -55°C to +105°C
Minimum shrink temperature: 70°C
Full recovery temperature: 100°C
Approvals:
File No. 242540
Standard colors: Black, white
Other colors are available upon request.
RoHS Compliant
HEAT SHRINK THIN WALL TUBING
Technical Data
Product Dimensions
Size
(mm)
As Supplied
(mm)
After Recovered
(mm)
Standard
Spool
*(SS)
(Meter)
Inside Diameter
(min.)
Inside
Diameter
(max.)
Wall
Thickness
(min.)
15.0
15.0
7.50
0.69
50
16.0
16.0
8.00
0.69
50
18.0
18.0
9.00
0.80
50
20.0
20.0
10.00
0.80
50
22.0
22.0
11.00
0.80
50
25.0
25.0
12.50
0.90
50
28.0
28.0
14.00
0.90
50
30.0
30.0
15.00
0.90
50
35.0
35.0
17.50
0.90
50
40.0
40.0
20.00
1.00
50
50.0
50.0
25.00
1.00
50
60.0
60.0
30.00
1.00
30
70.0
70.0
35.00
1.20
30
80.0
80.0
40.00
1.20
30
100.0
100.0
50.00
1.30
30
125.0
125.0
60.00
1.30
15
150.0
150.0
75.00
1.30
15
Product Dimensions
Size
(mm)
As Supplied
(mm)
After Recovered
(mm)
Standard
Spool
*(SS)
(Meter)
Inside Diameter
(min.)
Inside
Diameter
(max.)
Wall
Thickness
(min.)
1.0
1.0
0.50
.33
200
1.5
1.5
0.75
.36
200
2.0
2.0
1.00
.44
200
2.5
2.5
1.25
.44
200
3.0
3.0
1.50
.44
200
3.5
3.5
1.75
.44
200
4.0
4.0
2.00
.44
200
5.0
5.0
2.50
.56
100
6.0
6.0
3.00
.56
100
7.0
7.0
3.50
.56
100
8.0
8.0
4.00
.56
100
9.0
9.0
4.50
.56
100
10.0
10.0
5.00
.56
100
11.0
11.0
5.50
.56
100
12.0
12.0
6.00
.56
50
13.0
13.0
6.50
.65
50
14.0
14.0
7.00
.69
50
14
Property
Test Method
Typical Data
Operating Temperature
IEC 216
-55°C to +105°C
Tensile Strength
ASTM D 2671
>12 MPa
Ultimate Elongation
ASTM D 2671
> 400%
Longitudinal Shrinkage
UL 224
0 + 5%
Eccentricity
ASTM D 2671
< 30%
Heat Aging
Tensile Strength
Ultimate Elongation
158°C, 168 hrs.
> 11 MPa
> 200 %
Flammability
VW-1
Self extinguish in 30 sec.
Dielectric Strength
ASTM D 150
> 20kV / mm
Voltage Withstand
ASTM D 2671 / AC2500V. 1 min.
No Breakdown
Volume Resistance
ASTM D 2671
10 Ω.cm
Copper Stability
UL 224
Pass
Copper Corrosion
UL 224
No Corrosion


Similar Part No. - Q2-HF

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results

Similar Description - Q2-HF

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
   HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-3X QUALTEK-Q2-3X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K_13 Datasheet
596Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F QUALTEK-Q2-F_13 Datasheet
699Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com