Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF444CMX Datasheet(PDF) 2 Page - Texas Instruments

Part # LF444CMX
Description  LF444 Quad Low Power JFET Input Operational Ampli
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF444CMX Datasheet(HTML) 2 Page - Texas Instruments

  LF444CMX Datasheet HTML 1Page - Texas Instruments LF444CMX Datasheet HTML 2Page - Texas Instruments LF444CMX Datasheet HTML 3Page - Texas Instruments LF444CMX Datasheet HTML 4Page - Texas Instruments LF444CMX Datasheet HTML 5Page - Texas Instruments LF444CMX Datasheet HTML 6Page - Texas Instruments LF444CMX Datasheet HTML 7Page - Texas Instruments LF444CMX Datasheet HTML 8Page - Texas Instruments LF444CMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LF444
SNOSC04D – MAY 1998 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
LF444A
LF444
Supply Voltage
±22V
±18V
Differential Input Voltage
±38V
±30V
Input Voltage Range(4)
±19V
±15V
Output Short CircuitDuration(5)
Continuous
Continuous
NAK Package
D, NFF
Packages
Power Dissipation(6)(7)
900 mW
670 mW
Tj max
150°C
115°C
θjA (Typical)
100°C/W
85°C/W
LF444A/LF444
Operating Temperature Range
See(8)
ESD Tolerance(9)
Rating to be determined
Storage Temperature Range
−65°C ≤ TA ≤ 150°C
Soldering Information
Dual-In-Line Packages (Soldering, 10 sec.)
260°C
Small Outline Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Refer to RETS444X for LF444MD military specifications.
(4)
Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage.
(5)
Any of the amplifier outputs can be shorted to ground indefinitely, however, more than one should not be simultaneously shorted as the
maximum junction temperature will be exceeded.
(6)
For operating at elevated temperature, these devices must be derated based on a thermal resistance of
θjA.
(7)
Max. Power Dissipation is defined by the package characteristics. Operating the part near the Max. Power Dissipation may cause the
part to operate outside ensured limits.
(8)
The LF444A is available in both the commercial temperature range 0°C
≤ TA ≤ 70°C and the military temperature range −55°C ≤ TA
125°C. The LF444 is available in the commercial temperature range only. The temperature range is designated by the position just
before the package type in the device number. A “C” indicates the commercial temperature range and an “M” indicates the military
temperature range. The military temperature range is available in “NAK” package only.
(9)
Human body model, 1.5 k
Ω in series with 100 pF.
DC Electrical Characteristics
(1)
Symbol
Parameter
Conditions
LF444A
LF444
Units
Min
Typ
Max
Min
Typ
Max
VOS
Input Offset Voltage
RS = 10k, TA = 25°C
2
5
3
10
mV
0°C
≤ TA ≤ +70°C
6.5
12
mV
−55°C ≤ TA ≤ +125°C
8
mV
ΔVOS/ΔT
Average TC of Input Offset
RS = 10 kΩ
10
10
μV/°C
Voltage
IOS
Input Offset Current
VS = ±15V
(1) (2)
Tj = 25°C
5
25
5
50
pA
Tj = 70°C
1.5
1.5
nA
Tj = 125°C
10
nA
IB
Input Bias Current
VS = ±15V
(1) (2)
Tj = 25°C
10
50
10
100
pA
Tj = 70°C
3
3
nA
Tj = 125°C
20
nA
(1)
Unless otherwise specified the specifications apply over the full temperature range and for VS = ±20V for the LF444A and for VS = ±15V
for the LF444. VOS, IB, and IOS are measured at VCM = 0.
(2)
The input bias currents are junction leakage currents which approximately double for every 10°C increase in the junction temperature,
Tj. Due to limited production test time, the input bias currents measured are correlated to junction temperature. In normal operation the
junction temperature rises above the ambient temperature as a result of internal power dissipation, PD. Tj = TA + θjAPD where θjA is the
thermal resistance from junction to ambient. Use of a heat sink is recommended if input bias current is to be kept to a minimum.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LF444


Similar Part No. - LF444CMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF444CM NSC-LF444CM Datasheet
359Kb / 10P
   Quad Low Power JFET Input Operational Amplifier
More results

Similar Description - LF444CMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF444-DIE TI1-LF444-DIE Datasheet
99Kb / 5P
[Old version datasheet]   Quad Low Power JFET Input Operational Amplifier
logo
National Semiconductor ...
LF444 NSC-LF444 Datasheet
359Kb / 10P
   Quad Low Power JFET Input Operational Amplifier
logo
Texas Instruments
LF444QML TI1-LF444QML Datasheet
341Kb / 16P
[Old version datasheet]   LF444QML Quad Low Power JFET Input Operational Amplifier
logo
National Semiconductor ...
LF444QML NSC-LF444QML Datasheet
636Kb / 15P
   LF444QML Quad Low Power JFET Input Operational Amplifier
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
   JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF347NE4 TI-LF347NE4 Datasheet
392Kb / 10P
[Old version datasheet]   JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064_07 Datasheet
248Kb / 14P
   Low power JFET quad operational amplifier
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com