Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4545VQ Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4545VQ
Description  AC97 AUDIO CODEC WITH SRC AND DIT
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4545VQ Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4545VQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
[ASAHI KASEI]
[AK4545]
MS0058-E-00
2000/11
- 6 -
Parameter
min
typ
max
Units
Power Supplies
Analog Power Supply Current(AVdd1 & AVdd2)
All ON mode(all PR_bits are 0)
Cold Reset status(Reset#=L, Vref is ON)
All OFF mode(all PR_bits are 1)
38
3.7
0
57
8
0.2
mA
mA
mA
Digital Power Supply Current(DVdd1 & DVdd2)
All ON mode(all PR_bits are 0) at DVDD=3.3V
All OFF mode(all PR_bits are 1)
6.9
0
11
0.4
mA
mA
Filter Characteristics
Ta=25°C,AVdd=5.0V±5%,DVdd=3.3V±5% , fs=48KHz(fixed)
Parameter
min
typ
Max
Units
ADC Digital Filter (Decimation LPF)
Passband (±0.2dB)
Note)
0
19.2
kHz
Stopband
28.8
kHz
Stopband Attenuation
70
dB
Group Delay
0.5
ms
ADC Digital Filter (HPF)
Frequency Response;
-3dB
-0.5dB
-0.1dB
7.5
21
49
Hz
DAC Digital Filter
Passband (±0.2dB)
0
19.2
kHz
Stopband
28.8
kHz
Group Delay
0.5
ms
Stopband Rejection
70
dB
DAC Post filter
Passband Frequency Response (0 - 19.2kHz)
±0.1
dB
Note) This frequency scales with the sampling frequency ( fs).
AK4545 DC Characteristics
Ta=-10∼70°C, VD= 3.3V±5%, VA=5V±5%, 50pF external load
Parameter
Symbol
min
typ
Max
Units
C-coupled
VIH
0.7xVD
-
-
V
“H” level input voltage
(XTAL_IN)
direct
VIH
0.8xVD
V
C-coupled
VIL
-
-
0.3xVD
V
“L” level input voltage
(XTAL_IN)
direct
VIL
0.2xVD
V
“H” level input voltage
(RESET#, SYNC, SDATA_OUT)
VIH
0.7xVD
-
-
V
“L” level input voltage
( RESET#, SYNC, SDATA_OUT)
VIL
-
-
0.3xVD
V
“H” level output voltage
Iout= -1mA
VOH
VD-0.55
-
-
V
“L” level output voltage
Iout= 1mA
VOL
-
-
0.55
V
Input leakage current(exclude pull up pins)
Iin
-
-
±10
µA


Similar Part No. - AK4545VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4541VQ AKM-AK4541VQ Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543VQ AKM-AK4543VQ Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4544 AKM-AK4544 Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
More results

Similar Description - AK4545VQ

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
   AC97 Rev2.1 Audio CODEC with SRC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
   AC97 Audio and Touchpanel CODEC
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
   AC97 AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
logo
Wolfson Microelectronic...
WM9710 WOLFSON-WM9710 Datasheet
310Kb / 32P
   AC97 Audio CODEC and Mixer with Integrated Headphone Driver
logo
Asahi Kasei Microsystem...
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
logo
Wolfson Microelectronic...
WM9708 WOLFSON-WM9708 Datasheet
205Kb / 28P
   AC97 Revision 2.1 Audio Codec
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
   AC97 Revision 2.1 Audio Codec
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com