Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65910A31A1RSLT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65910A31A1RSLT
Description  Integrated Power Management Unit Top Specification
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65910A31A1RSLT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65910A31A1RSLT Datasheet HTML 3Page - Texas Instruments TPS65910A31A1RSLT Datasheet HTML 4Page - Texas Instruments TPS65910A31A1RSLT Datasheet HTML 5Page - Texas Instruments TPS65910A31A1RSLT Datasheet HTML 6Page - Texas Instruments TPS65910A31A1RSLT Datasheet HTML 7Page - Texas Instruments TPS65910A31A1RSLT Datasheet HTML 8Page - Texas Instruments TPS65910A31A1RSLT Datasheet HTML 9Page - Texas Instruments TPS65910A31A1RSLT Datasheet HTML 10Page - Texas Instruments TPS65910A31A1RSLT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
TPS65910, TPS65910A, TPS65910A3, TPS659101, TPS659102, TPS659103
TPS659104, TPS659105, TPS659106, TPS659107, TPS659108, TPS659109
www.ti.com
SWCS046T – MARCH 2010 – REVISED SEPTEMBER 2013
I/O PULLUP AND PULLDOWN CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SDA_SDI, SCL_SCK, SDASR_EN2,
SCLSR_EN1 Programmable pullup (DFT, default
Grounded, VDDIO = 1.8 V
–45%
8
+45%
k
Ω
inactive)
SLEEP programmable pulldown (default active)
@ 1.8 V, VRTC = 1.8 V
2
4.5
10
µA
@ 1.8 V, VRTC = 1.8 V, VCC7 = 2.7
2
4.5
10
V
PWRHOLD programmable pulldown (default
µA
active)
@ 5.5 V, VRTC = 1.8 V, VCC7 = 5.5
7
14
30
V
BOOT0, BOOT1 programmable pulldown (default
@ 1.8 V, VRTC = 1.8 V
2
4.5
10
µA
active)
NRESPWRON pulldown
@ 1.8 V, VCC7 = 5.5 V, OFF state
2
4.5
10
µA
32KCLKOUT pulldown (disabled in Active-sleep
@ 1.8 V, VRTC = 1.8 V, OFF state
2
4.5
10
µA
state)
PWRON programmable pullup (default active)
Grounded, VCC7 = 5.5 V
–40
–31
–15
µA
GPIO_CKSYNC programmable pullup (default
Grounded, VRTC = 1.8 V
–27
–18
–9
µA
active)
(1)
The internal pullups on the CTL-I2C and SR-I2C balls are used for test purposes or when the SR-I2C interface is not used. Discrete
pullups to the VIO supply must be mounted on the board in order to use the I2C interfaces. The internal I2C pullups must not be used for
functional applications
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65910 TPS65910A TPS65910A3 TPS659101 TPS659102 TPS659103 TPS659104
TPS659105 TPS659106 TPS659107 TPS659108 TPS659109


Similar Part No. - TPS65910A31A1RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65910A3 TI1-TPS65910A3 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910A3 TI1-TPS65910A3 Datasheet
1Mb / 97P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910A3A1RSL TI1-TPS65910A3A1RSL Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910A3A1RSLR TI1-TPS65910A3A1RSLR Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
More results

Similar Description - TPS65910A31A1RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65910 TI1-TPS65910 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_14 Datasheet
1Mb / 97P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659110 TI1-TPS659110_16 Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V02 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V03 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS65911 TI-TPS65911_V01 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V04 Datasheet
2Mb / 145P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com