Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4302 Datasheet(PDF) 9 Page - Peregrine Semiconductor

Part # PE4302
Description  RF Digital Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4302 Datasheet(HTML) 9 Page - Peregrine Semiconductor

Back Button PE4302 Datasheet HTML 3Page - Peregrine Semiconductor PE4302 Datasheet HTML 4Page - Peregrine Semiconductor PE4302 Datasheet HTML 5Page - Peregrine Semiconductor PE4302 Datasheet HTML 6Page - Peregrine Semiconductor PE4302 Datasheet HTML 7Page - Peregrine Semiconductor PE4302 Datasheet HTML 8Page - Peregrine Semiconductor PE4302 Datasheet HTML 9Page - Peregrine Semiconductor PE4302 Datasheet HTML 10Page - Peregrine Semiconductor PE4302 Datasheet HTML 11Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Product Specification
PE4302
Page 9 of 11
Document No. 70-0056-04
│ www.psemi.com
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Figure 19. Package Drawing
1.00
2.00
0.23
0.10
C A B
EXPOSED PAD
DETAIL A
16
15
11
5
1
6
20
10
2
1
DETAIL A
0.18
0.435
SEATING
PLANE
0.08 C
0.10 C
EXPOSED PAD &
TERMINAL PADS
- C -
2.00 X 2.00
2.00
4.00
- B -
- A -
INDEX AREA
0.25 C
1. Dimension applies to metallized terminal and is measured
between 0.25 and 0.30 from terminal tip.
2. Coplanarity applies to the exposed heat sink slug as well as
the terminals.
3. Dimensions are in millimeters.


Similar Part No. - PE4302

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
PE4302 PEREGRINE-PE4302 Datasheet
472Kb / 11P
   50 廓 RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4302 PASTERNACK-PE4302 Datasheet
410Kb / 3P
   TNC Male Connector Crimp/Crimp Attachment
logo
Peregrine Semiconductor...
PE4302-01 PEREGRINE-PE4302-01 Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
PE4302-EK PEREGRINE-PE4302-EK Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
More results

Similar Description - PE4302

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_15 Datasheet
457Kb / 10P
   RF Digital Attenuator
PE4307 PEREGRINE-PE4307_15 Datasheet
441Kb / 11P
   RF Digital Attenuator
PE4302 PEREGRINE-PE4302_15 Datasheet
472Kb / 10P
   RF Digital Attenuator
PE4308 PEREGRINE-PE4308_15 Datasheet
504Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502 Datasheet
443Kb / 11P
   RF Digital Attenuator
PE43702 PSEMI-PE43702 Datasheet
471Kb / 11P
   RF Digital Attenuator
PE43703 PSEMI-PE43703 Datasheet
446Kb / 15P
   RF Digital Attenuator
PE4304 PSEMI-PE4304 Datasheet
535Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404_15 Datasheet
529Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43404 PSEMI-PE43404 Datasheet
529Kb / 11P
   RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com