Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9311 Datasheet(PDF) 5 Page - Peregrine Semiconductor

Part # PE9311
Description  1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE9311 Datasheet(HTML) 5 Page - Peregrine Semiconductor

  PE9311 Datasheet HTML 1Page - Peregrine Semiconductor PE9311 Datasheet HTML 2Page - Peregrine Semiconductor PE9311 Datasheet HTML 3Page - Peregrine Semiconductor PE9311 Datasheet HTML 4Page - Peregrine Semiconductor PE9311 Datasheet HTML 5Page - Peregrine Semiconductor PE9311 Datasheet HTML 6Page - Peregrine Semiconductor PE9311 Datasheet HTML 7Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Product Specification
PE9311
Page 5 of 7
Document No. 70-0114-03
│ www.psemi.com
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Evaluation Kit Operation
The Ceramic SOIC Prescaler Evaluation Board was
designed to help customers evaluate the PE9311
divide-by-2 prescaler. On this board, the device
input (pin 2) is connected to the SMA connector J1
through a 50
Ω transmission line. A series capacitor
(C3) provides the necessary DC block for the device
input. A value of 1000 pF was used for the
evaluation board; other applications may require a
different value. It is also possible to place a 0
resistor in this location for very low frequency
applications.
The device output (pin 7) is connected to SMA
connector J3 through a 50
Ω transmission line. A
series capacitor (C1) provides the necessary DC
block for the device output. This capacitor value
must be chosen to have a low impedance at the
desired output frequency of the device. A value of
1000 pF was chosen for the evaluation board.
The board is constructed of a two-layer FR4 material
with a total thickness of 0.031”. The bottom layer
provides ground for the RF transmission lines. The
transmission lines were designed using a coplanar
waveguide above ground plane model with trace
width of 0.030”, trace gaps of 0.0061”, dielectric
thickness of 0.028”, metal thickness of 0.0014”, and
ε
r of 4.6. Note that the predominate mode of these
transmission lines is coplanar waveguide.
J2 provides DC power to the device via pin 1. Two
decoupling capacitors (C2=100 pF, C10=1000 pF)
are included on this trace. It is the responsibility of
the customer to determine proper supply decoupling
for their design application.
Figure 8. Evaluation Board Layout
Figure 9. Evaluation Board Schematic
Peregrine specification 102/0202
Peregrine specification 102/0034


Similar Part No. - PE9311

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
logo
Pasternack Enterprises,...
PE9311 PASTERNACK-PE9311 Datasheet
253Kb / 3P
   N Male to N Female Adapter
logo
Peregrine Semiconductor...
PE9311-EK PEREGRINE-PE9311-EK Datasheet
178Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
More results

Similar Description - PE9311

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9312 PEREGRINE-PE9312 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
PE9313 PEREGRINE-PE9313 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
   13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
PE9304 PEREGRINE-PE9304_06 Datasheet
213Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9304 PSEMI-PE9304 Datasheet
216Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com