Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5351 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK5351
Description  Enhanced Dual bit 20bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5351 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK5351 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5351 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5351 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5351 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5351 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5351 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5351 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5351 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5351 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ASAHI KASEI
[AK5351]
0166-E-00
1997/4
- 1 -
AK5351
Enhanced Dual bit
∆Σ 20bit ADC
GENERAL DESCRIPTION
The AK5351 is a 20-bit, 64x oversampling rate(64fs), 2-channel A/D converter for stereo digital systems.
The
∆Σ modulator in the AK5351 uses the new developed Enhanced Dual bit architecture. This new
architecture achieves the wider dynamic range, while keeping much the same superior distortion
characteristics as the conventional Single bit way. The AK5351 is suitable for digital surround and Hi-Fi
audio application such as Car-audio, MD, etc. Analog inputs of the AK5351 are normally Full-differential inputs,
while they are also acceptable Single-ended inputs.
The AK5351 is available in a small 24pin VSOP package which will reduce your system space.
FEATURES
† Full-differential / Single-ended inputs
† S/(N+D): 97dB
† DR, S/N: 103dB
† Linear phase digital filter
Pass band: 0~22kHz(@fs=48kHz)
Pass band ripple: ±0.005dB
Stop band attenuation: 80dB
† Digital HPF for DC-offset cancel
† Master clock: 256fs/384fs
† Power supply: 5V±10%
† Small package: 24pinVSOP


Similar Part No. - AK5351

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5351 AKM-AK5351 Datasheet
1Mb / 21P
   EVALUATION BOARD REV.B FOR AK5351
More results

Similar Description - AK5351

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5392 AKM-AK5392 Datasheet
171Kb / 19P
   Enhanced Dual Bit 24Bit ADC
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK5383 AKM-AK5383 Datasheet
123Kb / 20P
   Enhanced Dual bit 96 kHz 24-bit ADC
AK5393 AKM-AK5393 Datasheet
112Kb / 18P
   Enhanced Dual bit 96 kHz 24-bit ADC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMC234 PADAUK-PMC234 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com