Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5351-VF Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK5351-VF
Description  Enhanced Dual bit 20bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5351-VF Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK5351-VF Datasheet HTML 1Page - Asahi Kasei Microsystems AK5351-VF Datasheet HTML 2Page - Asahi Kasei Microsystems AK5351-VF Datasheet HTML 3Page - Asahi Kasei Microsystems AK5351-VF Datasheet HTML 4Page - Asahi Kasei Microsystems AK5351-VF Datasheet HTML 5Page - Asahi Kasei Microsystems AK5351-VF Datasheet HTML 6Page - Asahi Kasei Microsystems AK5351-VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK5351-VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK5351-VF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ASAHI KASEI
[AK5351]
0166-E-00
1997/4
- 2 -
„
„
„
„ Ordering Guide
AK5351-VF
-40~85
°C
24pin VSOP
AKD5351/2
Evaluation Board
„
„
„
„ Pin Layout
„
„
„
„ Replacement from AK5350 to AK5351
AK5350
AK5351
Package
28VSOP
24VSOP
*)Interchangeable with AK5350
Analog Inputs Voltage
±3.47Vp-p
±2.10Vp-p
*)Acceptable Single-ended
fc of HPF(@fs=48kHz)
7Hz
1Hz
SCLK
~64fs
~128fs


Similar Part No. - AK5351-VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5351 AKM-AK5351 Datasheet
1Mb / 21P
   EVALUATION BOARD REV.B FOR AK5351
More results

Similar Description - AK5351-VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5392 AKM-AK5392 Datasheet
171Kb / 19P
   Enhanced Dual Bit 24Bit ADC
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK5383 AKM-AK5383 Datasheet
123Kb / 20P
   Enhanced Dual bit 96 kHz 24-bit ADC
AK5393 AKM-AK5393 Datasheet
112Kb / 18P
   Enhanced Dual bit 96 kHz 24-bit ADC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMC234 PADAUK-PMC234 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com