Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5353 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK5353
Description  96kHz 24BIT ADC WITH SIGLE-ENDED INPUT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5353 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK5353 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 11Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 12Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 13Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ASAHI KASEI
[AK5353]
M0067-E-00
1999/06
- 10 -
n Timing Diagram
1/fCLK
tCLKL
VIH
tCLKH
MCLK
VIL
1/fs
VIH
LRCK
VIL
tSLK
tSLKL
VIH
tSLKH
SCLK
VIL
Clock Timing
tSHLR
VIH
LRCK
VIL
tLRSH
VIH
SCLK
VIL
tDLR
SDTO
tDSS
50%VD
Serial Interface Timing
tPDW
VIL
PDN
tPWV
SDTO
50%VD
VIH
Power-down & Reset Timing


Similar Part No. - AK5353

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5353 AKM-AK5353 Datasheet
214Kb / 17P
   EVALUATION BOARD REV.B FOR AK5353
More results

Similar Description - AK5353

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5380 AKM-AK5380 Datasheet
137Kb / 17P
   96kHz 24Bit ADC with Single - ended Input
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com