Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5353VT Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK5353VT
Description  96kHz 24BIT ADC WITH SIGLE-ENDED INPUT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5353VT Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK5353VT Datasheet HTML 2Page - Asahi Kasei Microsystems AK5353VT Datasheet HTML 3Page - Asahi Kasei Microsystems AK5353VT Datasheet HTML 4Page - Asahi Kasei Microsystems AK5353VT Datasheet HTML 5Page - Asahi Kasei Microsystems AK5353VT Datasheet HTML 6Page - Asahi Kasei Microsystems AK5353VT Datasheet HTML 7Page - Asahi Kasei Microsystems AK5353VT Datasheet HTML 8Page - Asahi Kasei Microsystems AK5353VT Datasheet HTML 9Page - Asahi Kasei Microsystems AK5353VT Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ASAHI KASEI
[AK5353]
M0067-E-00
1999/06
- 6 -
FILTER CHARACTERISTICS (fs=48kHz)
(Ta=25
°C; VA,VD=2.7∼5.5V; fs=48kHz)
Parameter
Symbol
min
typ
max
Units
Digital Filter (Decimation LPF)
Passband
(Note 10)
±0.1dB
-0.2dB
-1.0dB
-3.0dB
PB
0
-
-
-
20.0
21.8
23.0
18.9
-
-
-
kHz
kHz
kHz
kHz
Stopband
(Note 10)
SB
29.4
kHz
Stopband Attenuation
SA
65
dB
Group Delay Distortion
∆GD
0
µs
Group Delay
(Note 11)
GD
-
17.0
-
1/fs
Digital Filter (HPF)
Frequency Response:
-3 dB
-0.5dB
-0.1dB
FR
-
-
-
4
11
24
-
-
-
Hz
Hz
Hz
Note:10. The passband and stopband frequencies scale with fs.
11. The calculating delay time which occurred by digital filtering. This time is from the input of analog signal
to setting the 24bit data of both channels to the output register for ADC.
FILTER CHARACTERISTICS (fs=96kHz)
(Ta=25
°C; VA,VD=4.5∼5.5V; fs=96kHz)
Parameter
Symbol
min
typ
max
Units
Digital Filter (Decimation LPF)
Passband
(Note 10)
±0.1dB
-0.2dB
-1.0dB
-3.0dB
PB
0
-
-
-
40.0
43.6
46.0
37.8
-
-
-
kHz
kHz
kHz
kHz
Stopband
(Note 10)
SB
58.8
kHz
Stopband Attenuation
SA
65
dB
Group Delay Distortion
∆GD
0
µs
Group Delay
(Note 11)
GD
-
17.0
-
1/fs
Digital Filter (HPF)
Frequency Response:
-3 dB
-0.5dB
-0.1dB
FR
-
-
-
8
22
48
-
-
-
Hz
Hz
Hz
Note:10. The passband and stopband frequencies scale with fs.
11. The calculating delay time which occurred by digital filtering. This time is from the input of analog signal
to setting the 24bit data of both channels to the output register for ADC.


Similar Part No. - AK5353VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5353 AKM-AK5353 Datasheet
214Kb / 17P
   EVALUATION BOARD REV.B FOR AK5353
More results

Similar Description - AK5353VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5380 AKM-AK5380 Datasheet
137Kb / 17P
   96kHz 24Bit ADC with Single - ended Input
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com