Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5354VT Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK5354VT
Description  LOW POWER 20 BIT ADC WITH PGA
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5354VT Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK5354VT Datasheet HTML 1Page - Asahi Kasei Microsystems AK5354VT Datasheet HTML 2Page - Asahi Kasei Microsystems AK5354VT Datasheet HTML 3Page - Asahi Kasei Microsystems AK5354VT Datasheet HTML 4Page - Asahi Kasei Microsystems AK5354VT Datasheet HTML 5Page - Asahi Kasei Microsystems AK5354VT Datasheet HTML 6Page - Asahi Kasei Microsystems AK5354VT Datasheet HTML 7Page - Asahi Kasei Microsystems AK5354VT Datasheet HTML 8Page - Asahi Kasei Microsystems AK5354VT Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ASAHI KASEI
[AK5354]
MS0054-E-01
2001/01
- 5 -
FILTER CHARACTERISTICS
(Ta=25
°C; VA=2.1 ∼ 3.3V, VD=1.8 ∼ 3.3; fs=44.1kHz)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 5)
±0.1dB
-1.0dB
-3.0dB
PB
0
20.0
21.1
17.4
kHz
kHz
kHz
Stopband
(Note 5)
SB
27.0
kHz
Passband Ripple
PR
±0.1
dB
Stopband Attenuation
SA
65
dB
Group Delay
(Note 6)
GD
17.0
1/fs
Group Delay Distortion
∆GD
0
µs
ADC Digital Filter (HPF):
Frequency Response (Note 5)
-3dB
-0.5dB
-0.1dB
FR
3.4
10
22
Hz
Hz
Hz
Note:5. The passband and stopband frequencies scale with fs (sampling frequency).
For examples, PB=0.454 x fs(@ADC: -1.0dB), PB=0.454 x fs(@DAC: -0.1dB).
Note: 6. The calculating delay time which occurred by digital filtering. This time is from the input of analog signal to
setting the 20bit data of both channels to the output register for ADC and include group delay of HPF.
DC CHARACTERISTICS
(Ta=25
°C; VA=2.1 ∼ 3.3V, VD=1.8 ∼ 3.3V)
Parameter
Symbol
min
Typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
75
%VD
-
-
-
-
25
%VD
V
V
High-Level Output Voltage
(Iout=-80
µA)
Low-Level Output Voltage
(Iout=80
µA)
VOH
VOL
VD-0.4
-
--
0.4
V
V
Input Leakage Current
Iin
-
-
± 10
µA


Similar Part No. - AK5354VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5354VT AKM-AK5354VT Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
More results

Similar Description - AK5354VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
logo
Analog Devices
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555 Datasheet
429Kb / 24P
   24-Bit ADC WITH LOW NOISE PGA
REV. B
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
   24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK5356 AKM-AK5356 Datasheet
156Kb / 22P
   LOW POWER 20BIT ADC WITH MIC AMP & PGA
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Analog Devices
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com