Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4374AIDRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4374AIDRG4
Description  6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4374AIDRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA4374AIDRG4 Datasheet HTML 7Page - Texas Instruments OPA4374AIDRG4 Datasheet HTML 8Page - Texas Instruments OPA4374AIDRG4 Datasheet HTML 9Page - Texas Instruments OPA4374AIDRG4 Datasheet HTML 10Page - Texas Instruments OPA4374AIDRG4 Datasheet HTML 11Page - Texas Instruments OPA4374AIDRG4 Datasheet HTML 12Page - Texas Instruments OPA4374AIDRG4 Datasheet HTML 13Page - Texas Instruments OPA4374AIDRG4 Datasheet HTML 14Page - Texas Instruments OPA4374AIDRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
OPA373, OPA2373
OPA374
OPA2374, OPA4374
SBOS279E − SEPTEMBER 2003 − REVISED MAY 2008
www.ti.com
11
DRIVING ADCs
The OPA373 and OPA374 series op amps are optimized
for driving medium-speed sampling ADCs. The OPA373
and OPA374 op amps buffer the ADC input capacitance
and resulting charge injection, while providing signal gain.
The OPA373 is shown driving the ADS7816 in a basic
noninverting configuration, as shown in Figure 7. The
ADS7816 is a 12-bit, MicroPower sampling converter in
the MSOP-8 package. When used with the low-power,
miniature packages of the OPA373, the combination is
ideal for space-limited, low-power applications. In this
configuration, an RC network at the ADC input can be used
to provide anti-aliasing filtering.
Figure 8 shows the OPA373 driving the ADS7816 in a
speech band-pass filtered data acquisition system. This
small,
low-cost
solution
provides
the
necessary
amplification and signal conditioning to interface directly
with an electret microphone. This circuit will operate with
VS = 2.7V to 5V.
The OPA373 is shown in the inverting configuration
described in Figure 9. In this configuration, filtering may be
accomplished with the capacitor across the feedback
resistor.
ENABLE/SHUTDOWN
OPA373 and OPA374 series op amps typically require
585
µA quiescent current. The enable/shutdown feature of
the OPA373 allows the op amp to be shut off in order to
reduce this current to less than 1
µA.
ADS7816
12−Bit ADC
DCLOCK
D
OUT
CS/SHDN
OPA373
+5V
V
IN
V+
2
+In
3
−In
V
REF
8
4
GND
Serial
Interface
1
0.1
µF
0.1
µF
7
6
5
NOTE: ADC Input = 0 to V
REF
V
IN =0V to 5V for
0V to 5V output.
RC network filters high frequency noise.
500
3300pF
f
SAMPLE =100kHz
Figure 7. The OPA373 in Noninverting Configuration Driving the ADS7816
C
3
33pF
V+
3
1
8
4GND
5
6
7
−IN
+IN
2
DCLOCK
Serial
Interface
C
2
1000pF
R
1
1.5k
R
4
20k
R
5
20k
R
6
100k
R
8
150k
R
9
510k
R
7
51k
D
OUT
V
REF
V+ = +2.7V to +5V
CS/SHDN
C1
1000pF
Electret
Microphone(1)
G = 100
Passband 300Hz to 3kHz
R
3
1M
R
2
1M
NOTE: (1) Electret microphone
powered by R
1.
ADS7816
12−Bit ADC
1/2
OPA2373
1/2
OPA2373
Figure 8. The OPA2373 as a Speech Bypass Filtered Data Acquisition System


Similar Part No. - OPA4374AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4374AIDRG4 TI1-OPA4374AIDRG4 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
More results

Similar Description - OPA4374AIDRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com