Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5383VF Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK5383VF
Description  Enhanced Dual bit 96 kHz 24-bit ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5383VF Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK5383VF Datasheet HTML 5Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 6Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 9Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 10Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 11Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 12Page - Asahi Kasei Microsystems AK5383VF Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ASAHI KASEI
[AK5383]
M0049-E-03
2000/4
- 9 -
n Timing Diagram
LRCK
SCLK
SDATA
tDSS
tSLR
tSLKL
tSLKH
tSLK
tDLR
MSB
MSB-1
MSB-2
Serial Data Timing (Slave Mode, FSYNC="H")
LRCK
SCLK
tSLR
tSF
SDATA
tDLR
MSB
D1
D0
tSF
tDSS
FSYNC
Serial Data Timing (Slave Mode)
LRCK
SCLK
SDATA
tDSS
tSLR
tSLKL
tSLKH
tSLK
MSB
MSB-1
tDSS
Serial Data Timing (I
2S Slave Mode, FSYNC = Don't Care)


Similar Part No. - AK5383VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5383VF AKM-AK5383VF Datasheet
409Kb / 22P
   EVALUATION BOARD REV.B FOR AK5383VF
AK5383VF AKM-AK5383VF Datasheet
404Kb / 22P
   Evaluation board Rev.B for AK5383VF
More results

Similar Description - AK5383VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5393 AKM-AK5393 Datasheet
112Kb / 18P
   Enhanced Dual bit 96 kHz 24-bit ADC
logo
List of Unclassifed Man...
AK5357 ETC-AK5357 Datasheet
126Kb / 18P
   24 BIT 96 KHZ ADC
logo
Analog Devices
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
   96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871_15 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com